Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7564BRS Datasheet(PDF) 11 Page - Analog Devices

Part # AD7564BRS
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564BRS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7564BRS Datasheet HTML 7Page - Analog Devices AD7564BRS Datasheet HTML 8Page - Analog Devices AD7564BRS Datasheet HTML 9Page - Analog Devices AD7564BRS Datasheet HTML 10Page - Analog Devices AD7564BRS Datasheet HTML 11Page - Analog Devices AD7564BRS Datasheet HTML 12Page - Analog Devices AD7564BRS Datasheet HTML 13Page - Analog Devices AD7564BRS Datasheet HTML 14Page - Analog Devices AD7564BRS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
–11–
REV.
3
AD7564
GENERAL DESCRIPTION
D/A Section
The AD7564 contains four 12-bit current output D/A convert-
ers. A simplified circuit diagram for one of the D/A converters
is shown in Figure 15.
VREF
2R
2R
2R
2R
2R
2R
2R
CB
A
S9
S8
S0
RFB
I OUT1
I OUT2
R
R
R
R/2
SHOWN FOR ALL 1s ON DAC
Figure 15. Simplified D/A Circuit Diagram
A segmented scheme is used whereby the 2 MSBs of the 12-bit
data word are decoded to drive the three switches A, B and C.
The remaining 10 bits of the data word drive the switches S0 to
S9 in a standard R-2R ladder configuration.
Each of the switches A to C steers 1/4 of the total reference
current with the remaining current passing through the R-2R
section.
All DACs have separate VREF, IOUT1, IOUT2 and RFB pins.
When an output amplifier is connected in the standard configu-
ration of Figure 17, the output voltage is given by:
VOUT = D ×VREF
where D is the fractional representation of the digital word
loaded to the DAC. Thus, in the AD7564, D can be set from 0
to 4095/4096.
Interface Section
The AD7564 is a serial input device. Three input signals con-
trol the serial interface. These are FSIN, CLKIN and SDIN.
The timing diagram is shown in Figure 1.
Data applied to the SDIN pin is clocked into the input shift reg-
ister on each falling edge of CLKIN. SDOUT is the shift regis-
ter output. It allows multiple devices to be connected in a daisy
chain fashion with the SDOUT pin of one device connected to
the SDIN of the next device. FSIN is the frame synchronization
for the device.
When the sixteen bits have been received in the input shift regis-
ter, DB2 and DB3 (A0 and A1) are checked to see if they corre-
spond to the state on pins A0 and A1. If it does, then the word
is accepted. Otherwise, it is disregarded. This allows the user
to address a number of AD7564s in a very simple fashion. DB1
and DB0 of the 16-bit word determine which of the four DAC
input latches is to be loaded. When the LDAC line goes low, all
four DAC latches in the device are simultaneously loaded with
the contents of their respective input latches and the outputs
change accordingly.
Bringing the CLR line low resets the DAC latches to all 0s. The
input latches are not affected so that the user can revert to the
previous analog output if desired.
16-BIT INPUT
SHIFT REGISTER
CLKIN
FSIN
SDIN
SDOUT
Figure 16. Input Logic
UNIPOLAR BINARY OPERATION
(2-Quadrant Multiplication)
Figure 17 shows the standard unipolar binary connection dia-
gram for one of the DACs in the AD7564. When VIN is an ac
signal, the circuit performs 2-quadrant multiplication. Resistors
R1 and R2 allow the user to adjust the DAC gain error. Offset
can be removed by adjusting the output amplifier offset voltage.
Figure 17. Unipolar Binary Operation
A1 should be chosen to suit the application. For example, the
AD707 is ideal for very low bandwidth applications while the
AD843 and AD845 offer very fast settling time in wide band-
width applications. Appropriate multiple versions of these am-
plifiers can be used with the AD7564 to reduce board space
requirements.
The code table for Figure 17 is shown in Table III.
Table III. Unipolar Binary Code Table
Digital Input
Analog Output
MSB . . . LSB
(VOUT as Shown in Figure 17)
1111 1111 1111
–VREF (4095/4096)
1000 0000 0001
–VREF (2049/4096)
1000 0000 0000
–VREF (2048/4096)
0111 1111 1111
–VREF (2047/4096)
0000 0000 0001
–VREF (1/4096)
0000 0000 0000
–VREF (0/4096) = 0
NOTE
Nominal LSB size for the circuit of Figure 17 is given by: VREF (1/4096).
DAC A
A1
AD7564
VREFA
VIN
NOTES
1. ONLY ONE DAC IS SHOWN FOR CLARITY.
2. DIGITAL INPUT CONNECTIONS ARE OMITTED.
3. C1 PHASE COMPENSATION (5–15pF) MAY BE
REQUIRED WHEN USING HIGH SPEED AMPLIFIER.
R2 10
R1 20
SIGNAL
GND
A1: AD707
AD711
AD843
AD845
C1
RFBA
IOUT2A
IOUT1A
VOUT
B


Similar Part No. - AD7564BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564BRS AD-AD7564BRS Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Similar Description - AD7564BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com