Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7711AR-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD7711AR-REEL
Description  LC2MOS Signal Conditioning ADC with RTD Excitation Currents
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7711AR-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD7711AR-REEL Datasheet HTML 1Page - Analog Devices AD7711AR-REEL Datasheet HTML 2Page - Analog Devices AD7711AR-REEL Datasheet HTML 3Page - Analog Devices AD7711AR-REEL Datasheet HTML 4Page - Analog Devices AD7711AR-REEL Datasheet HTML 5Page - Analog Devices AD7711AR-REEL Datasheet HTML 6Page - Analog Devices AD7711AR-REEL Datasheet HTML 7Page - Analog Devices AD7711AR-REEL Datasheet HTML 8Page - Analog Devices AD7711AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Parameter
A, S Versions
1
Unit
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
24
Bits min
Guaranteed by Design. For Filter Notches
£ 60 Hz
22
Bits min
For Filter Notch = 100 Hz
18
Bits min
For Filter Notch = 250 Hz
15
Bits min
For Filter Notch = 500 Hz
12
Bits min
For Filter Notch = 1 kHz
Output Noise
See Tables I and II
Depends on Filter Cutoffs and Selected Gain
Integral Nonlinearity @ 25
∞C
±0.0015
% FSR max
Filter Notches
£ 60 Hz
TMIN to TMAX
±0.003
% FSR max
Typically
±0.0003%
Positive Full-Scale Error
2, 3
See Note 4
Excluding Reference
Full-Scale Drift5
1
mV/∞C typ
Excluding Reference. For Gains of 1, 2
0.3
mV/∞C typ
Excluding Reference. For Gains of 4, 8, 16, 32, 64, 128
Unipolar Offset Error2
See Note 4
Unipolar Offset Drift
5
0.5
mV/∞C typ
For Gains of 1, 2
0.25
mV/∞C typ
For Gains of 4, 8, 16, 32, 64, 128
Bipolar Zero Error
2
See Note 4
Bipolar Zero Drift5
0.5
mV/∞C typ
For Gains of 1, 2
0.25
mV/∞C typ
For Gains of 4, 8, 16, 32, 64, 128
Gain Drift
2
ppm/
∞C typ
Bipolar Negative Full-Scale Error
2 @ 25
∞C
±0.003
% FSR max
Excluding Reference
TMIN to TMAX
±0.006
% FSR max
Typically
±0.0006%
Bipolar Negative Full-Scale Drift
5
1
mV/∞C typ
Excluding Reference. For Gains of 1, 2
0.3
mV/∞C typ
Excluding Reference. For Gains of 4, 8, 16, 32, 64, 128
ANALOG INPUTS/REFERENCE INPUTS
Normal Mode 50 Hz Rejection6
100
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 ¥ fNOTCH
Normal Mode 60 Hz Rejection
6
100
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 ¥ fNOTCH
DC Input Leakage Current @ 25
∞C6
10
pA max
TMIN to TMAX
1
nA max
Sampling Capacitance6
20
pF max
AIN1/REF IN
Common-Mode Rejection (CMR)
100
dB min
At DC and AVDD = 5 V
Common-Mode Rejection (CMR)
90
dB min
At DC and AVDD = 10 V
Common-Mode 50 Hz Rejection
6
150
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 ¥ fNOTCH
Common-Mode 60 Hz Rejection
6
150
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 ¥ fNOTCH
Common-Mode Voltage Range
7
VSS to AVDD
V min to V max
Analog Inputs
8
Input Voltage Range
9
For Normal Operation. Depends on Gain Selected
0 to +VREF
10
max
Unipolar Input Range (B/U Bit of Control Register = 1)
±VREF
max
Bipolar Input Range (B/U Bit of Control Register = 0)
Input Sampling Rate, fS
See Table III
AIN2 Offset Error
2.5
mV max
Removed by System Calibrations but not by Self-Calibration
AIN2 Offset Drift
1.5
mV/∞C typ
Reference Inputs
REF IN(+) – REF IN(–) Voltage
11
+2.5 to +5
V min to V max
For Specified Performance. Part Is Functional with
Lower VREF Voltages
Input Sampling Rate, fS
fCLK IN/256
REFERENCE OUTPUT
Output Voltage
2.5
V nom
Initial Tolerance @ 25
∞C
±1% max
Drift
20
ppm/
∞C typ
Output Noise
30
mV typ
Peak-to-Peak Noise. 0.1 Hz to 10 Hz Bandwidth
Line Regulation (AVDD)1
mV/V max
Load Regulation
1.5
mV/mA max
Maximum Load Current 1 mA
External Current
1
mA max
NOTES
1Temperature range is as follows: A Version = – 40
∞C to +85∞C; S Version = –55∞C to +125∞C. See also Note 16.
2Applies after calibration at the temperature of interest.
3Positive full-scale error applies to both unipolar and bipolar input ranges.
4These errors will be of the order of the output noise of the part, as shown in Table I, after system calibration. These errors will be 20
mV typical after self-calibration
or background calibration.
5Recalibration at any temperature or use of the background calibration mode will remove these drift errors.
6These numbers are guaranteed by design and/or characterization.
7This common-mode voltage range is allowed, provided the input voltage on AIN(+) and AIN(–) does not exceed AV
DD + 30 mV and VSS – 30 mV.
8The analog inputs present a very high impedance dynamic load that varies with clock frequency and input sample rate. The maximum recommended source resis-
tance depends on the selected gain (see Tables IV and V).
9The analog input voltage range on the AIN1(+) input is given here with respect to the voltage on the AIN1(–) input. The input voltage range on the AIN2 input is
with respect to AGND. The absolute voltage on the analog inputs should not go more positive than AVDD + 30 mV, or more negative than VSS – 30 mV.
10V
REF = REF IN(+) – REF IN(–).
11The reference input voltage range may be restricted by the input voltage range requirement on the V
BIAS input.
AD7711–SPECIFICATIONS
–2–
REV. G
(AVDD = +5 V
5%; DVDD = +5 V
5%; VSS = 0 V or –5 V
5%; REF IN(+) =
+2.5 V; REF IN(–) = AGND; MCLK IN = 10 MHz unless otherwise stated. All specifications TMIN to TMAX, unless otherwise noted.)


Similar Part No. - AD7711AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7711AR-REEL AD-AD7711AR-REEL Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711AR-REEL AD-AD7711AR-REEL Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7711AR-REEL7 AD-AD7711AR-REEL7 Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
More results

Similar Description - AD7711AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7711 AD-AD7711 Datasheet
242Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. F
AD7711ANZ AD-AD7711ANZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711A AD-AD7711A Datasheet
222Kb / 27P
   LC2MOS Signal Conditioning ADC with RTD Current Source
REV. C
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com