Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7564BR Datasheet(PDF) 1 Page - Analog Devices

Part # AD7564BR
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564BR Datasheet(HTML) 1 Page - Analog Devices

  AD7564BR Datasheet HTML 1Page - Analog Devices AD7564BR Datasheet HTML 2Page - Analog Devices AD7564BR Datasheet HTML 3Page - Analog Devices AD7564BR Datasheet HTML 4Page - Analog Devices AD7564BR Datasheet HTML 5Page - Analog Devices AD7564BR Datasheet HTML 6Page - Analog Devices AD7564BR Datasheet HTML 7Page - Analog Devices AD7564BR Datasheet HTML 8Page - Analog Devices AD7564BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AD7564
a
FEATURES
Four 12-Bit DACs in One Package
4-Quadrant Multiplication
Separate References
Single Supply Operation
Guaranteed Specifications with +3.3 V/+5 V Supply
Low Power
Versatile Serial Interface
Simultaneous Update Capability
Reset Function
28-Pin SOIC, SSOP and DIP Packages
APPLICATIONS
Process Control
Portable Instrumentation
General Purpose Test Equipment
FUNCTIONAL BLOCK DIAGRAM
V
A
R
B
DAC A
DAC A
LATCH
INPUT
LATCH A
INPUT
LATCH B
INPUT
LATCH C
INPUT
LATCH D
DAC B
LATCH
DAC C
LATCH
DAC D
LATCH
DAC B
DAC C
DAC D
V
B
REF
V
D
REF
R
D
R
C
FB
FB
R
A
FB
REF
V
C
REF
VDD
DGND
LDAC
CLR
AD7564
12
12
12
12
12
12
12
CONTROL LOGIC
+
INPUT SHIFT
REGISTER
CLKIN
SDIN
SDOUT
12
FSIN
I
A
I
A
I
B
I
B
I
C
I
D
OUT1
OUT2
OUT1
OUT2
OUT1
FB
OUT1
A0 A1
12
NC
AGND
I
C
OUT2
I
D
OUT2
PRODUCT HIGHLIGHTS
1. The AD7564 contains four 12-bit current output DACs with
separate VREF inputs.
2. The AD7564 can be operated from a single +3.3 V to +5 V
supply.
3. Simultaneous update capability and reset function are
available.
4. The AD7564 features a fast, versatile serial interface com-
patible with modern 3 V and 5 V microprocessors and
microcomputers.
5. Low power, 50
µW at 5 V and 33 µW at 3.3 V.
LC2MOS
+3.3 V/+5 V, Low Power, Quad 12-Bit DAC
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel:
Fax:
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
GENERAL DESCRIPTION
The AD7564 contains four 12-bit DACs in one monolithic
device. The DACs are standard current output with separate
VREF, IOUT1, IOUT2 and RFB terminals. These DACs operate from
a single +3.3 V to +5 V supply.
The AD7564 is a serial input device. Data is loaded using
FSIN
, CLKIN and SDIN. Two address pins A0 and A1 set up
a device address, and this feature may be used to simplify device
loading in a multi-DAC environment. Alternatively, A0 and A1
can be ignored and the serial out capability used to configure a
daisy-chained system.
All DACs can be simultaneously updated using the asynchro-
nous LDAC input, and they can be cleared by asserting the
asynchronous CLR input.
The device is packaged in 28-pin SOIC, SSOP and DIP
packages.
781/329-4700
781/461-3113
B


Similar Part No. - AD7564BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564BR AD-AD7564BR Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564BRS AD-AD7564BRS Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Similar Description - AD7564BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com