Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7564ARZ-B Datasheet(PDF) 10 Page - Analog Devices

Part # AD7564ARZ-B
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564ARZ-B Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7564ARZ-B Datasheet HTML 6Page - Analog Devices AD7564ARZ-B Datasheet HTML 7Page - Analog Devices AD7564ARZ-B Datasheet HTML 8Page - Analog Devices AD7564ARZ-B Datasheet HTML 9Page - Analog Devices AD7564ARZ-B Datasheet HTML 10Page - Analog Devices AD7564ARZ-B Datasheet HTML 11Page - Analog Devices AD7564ARZ-B Datasheet HTML 12Page - Analog Devices AD7564ARZ-B Datasheet HTML 13Page - Analog Devices AD7564ARZ-B Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
REV.
AD7564
–10–
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +3.3V
TA = +25°C
OP AMP = AD820
VREF = +1.23V (AD589)
Figure 9. Integral Nonlinearity Error vs. VREF
(Biased Mode)
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +5V
TA = +25°C
OP AMP = AD820
VBIAS = +1.23V (AD589)
Figure 10. Integral Nonlinearity Error vs. VREF
(Biased Mode)
0.2
–0.5
4095
–0.2
–0.4
1024
–0.3
0
0.1
–0.1
0.0
3072
2048
CODE – LSBs
VDD = +3.3V
TA = +25°C
VBIAS = 1.23V
VREF = 0V
Figure 11. All Codes Linearity Plot (Biased Mode)
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +3.3V
TA = +25°C
OP AMP = AD820
VREF = +1.23V (AD589)
Figure 12. Differential Nonlinearity Error vs. VREF
(Biased Mode)
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +5V
TA = +25°C
OP AMP = AD820
VBIAS = +1.23V (AD589)
Figure 13. Differential Nonlinearity Error vs. VREF
(Biased Mode)
0.4
–0.1
0.2
0.0
0.1
0.3
4095
1024
0
3072
2048
CODE – LSBs
NORMAL MODE
VDD = +5V
TA = +25°C
VREF = 10V
Figure 14. All Codes Linearity Plot (Normal Mode)
B


Similar Part No. - AD7564ARZ-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564AR-B AD-AD7564AR-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564ARS-B AD-AD7564ARS-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Similar Description - AD7564ARZ-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com