Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1444IS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1444IS
Description  Ultralow Power Quad omparators with Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1444IS Datasheet(HTML) 4 Page - Linear Technology

  LTC1444IS Datasheet HTML 1Page - Linear Technology LTC1444IS Datasheet HTML 2Page - Linear Technology LTC1444IS Datasheet HTML 3Page - Linear Technology LTC1444IS Datasheet HTML 4Page - Linear Technology LTC1444IS Datasheet HTML 5Page - Linear Technology LTC1444IS Datasheet HTML 6Page - Linear Technology LTC1444IS Datasheet HTML 7Page - Linear Technology LTC1444IS Datasheet HTML 8Page - Linear Technology LTC1444IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC1443/LTC1444/LTC1445
4
144345fe
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= GND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V+
Supply Voltage Range
l
2.0
11.0
V
ICC
Supply Current
IN+ = IN= 80mV, HYST = REF
l
5
8
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 1.5V
l
±3.0
±10.0
mV
IIN
Input Leakage Current (IN+, IN)
VIN+ = VIN– = 1.5V
l
±0.01
±1.0
nA
Input Leakage Current (HYST)
LTC1444/LTC1445
l
±0.02
±1.0
nA
VCM
Comparator Input Common Mode Range
l
V
V+ – 1.3V
V
CMRR
Common Mode Rejection Ratio
Vto (V+ – 1.3V)
0.1
1.0
mV/V
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
0.1
1.0
mV/V
Noise
Voltage Noise
100Hz to 100kHz
100
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1444, LTC1445
l
REF – 50mV
REF
V
tPD
Propagation Delay
Overdrive = 10mV, COUT = 100pF
Overdrive = 100mV, COUT = 100pF
14
5
µs
µs
VOH
Output High Voltage
IO = –10mA; LTC1443/LTC1445
l
V+ – 0.4V
V
VOL
Output Low Voltage
IO = 0.8mA; LTC1443
IO = 0.8mA; LTC1444/LTC1445
l
l
GND + 0.4V
V+ 0.4V
V
V
Reference
VREF
Reference Voltage
No Load, LTC1443
C Temp Range
l
1.170
1.182
1.194
V
I Temp Range
l
1.164
1.200
V
No Load, LTC1444/
LTC1445
C Temp Range
l
1.209
1.221
1.233
V
I Temp Range
l
1.203
1.239
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV
l
60
120
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV
∆VREF ≤ 5mV
l
10
10
15
15
µA
µA
Noise
Noise Voltage
100Hz to 100kHz
100
µVRMS
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 3V, V= GND = 0V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output High Voltage
IO = –15mA; LTC1443/LTC1445
l
V+ – 0.4V
V
VOL
Output Low Voltage
IO = 1.8mA; LTC1443
IO = 1.8mA; LTC1444/LTC1445
l
l
GND + 0.4V
V+ 0.4V
V
V
Reference
VREF
Reference Voltage
No Load, LTC1443
C Temp Range
l
1.170
1.182
1.194
V
I Temp Range
l
1.164
1.200
V
No Load, LTC1444/
LTC1445
C Temp Range
l
1.209
1.221
1.233
V
I Temp Range
l
1.203
1.239
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV
l
100
200
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV
∆VREF ≤ 5mV
l
10
10
15
15
µA
µA
Noise
Voltage Noise
100Hz to 100kHz
100
µVRMS


Similar Part No. - LTC1444IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1444IS LINER-LTC1444IS Datasheet
176Kb / 12P
   Ultralow Power Quad Comparators with Reference
More results

Similar Description - LTC1444IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443 Datasheet
176Kb / 12P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com