Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1293 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1293
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1293 Datasheet HTML 15Page - Linear Technology LTC1293 Datasheet HTML 16Page - Linear Technology LTC1293 Datasheet HTML 17Page - Linear Technology LTC1293 Datasheet HTML 18Page - Linear Technology LTC1293 Datasheet HTML 19Page - Linear Technology LTC1293 Datasheet HTML 20Page - Linear Technology LTC1293 Datasheet HTML 21Page - Linear Technology LTC1293 Datasheet HTML 22Page - Linear Technology LTC1293 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
Source Resistance
The analog inputs of the LTC1293/4/6 look like a 100pF
capacitor (CIN) in series with a 500Ω resistor (RON). CIN
gets switched between (+) and (–) inputs once during each
conversion cycle. Large external source resistors and
capacitances will slow the settling of the inputs. It is
important that the overall RC time constant is short
enough to allow the analog inputs to settle completely
within the allowed time.
“+” Input Settling
The input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 8). The sample period
2 1/2 CLK cycles before a conversion starts. The voltage on
the “+” input must settle completely within the sample
period. Minimizing RSOURCE+ and C1 will improve the
settling time. If large “+” input source resistance must be
used, the sample time can be increased by using a slower
CLK frequency. With the minimum possible sample time
of 2.5
µs RSOURCE+ < 1.5kΩ
Ω and C1 < 20pF will provide
adequate settling time.
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “-” input and the conversion starts (see Figure 8).
During the conversion, the “+” input voltage is effectively
“held” by the sample and hold and will not affect the
conversion result. It is critical that the “–” input voltage be
free of noise and settle completely during the first CLK
cycle of the conversion. Minimizing RSOURCE– and C2 will
improve settling time. If large “–” input source resistance
must be used the time can be extended by using a slower
CLK frequency. At the maximum CLK frequency of 1MHz,
RSOURCE– < 250Ω
Ω and C2 < 20pF will provide adequate
settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settles within the allowed time
(see Figure 8). Again the “+” and “–” input sampling times
can be extended as described above to accommodate
slower op amps. Most op amps including the LT1006 and
LT1013 single supply op amps can be made to settle
Figure 8. “+” and “–” Input Settling Windows
DIN
CLK
START
HI-Z
LTC1293 F08
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tSMPL
(+) INPUT MUST SETTLE DURING THIS TIME
(+) INPUT
(–) INPUT
SGL/
DIFF
MSBF
PS
DOUT
B11
SAMPLE
HOLD


Similar Part No. - LTC1293

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293BC LINER-LTC1293BC Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293BCN LINER-LTC1293BCN Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1293

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com