Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1197IS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1197IS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197IS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1197IS8 Datasheet HTML 1Page - Linear Technology LTC1197IS8 Datasheet HTML 2Page - Linear Technology LTC1197IS8 Datasheet HTML 3Page - Linear Technology LTC1197IS8 Datasheet HTML 4Page - Linear Technology LTC1197IS8 Datasheet HTML 5Page - Linear Technology LTC1197IS8 Datasheet HTML 6Page - Linear Technology LTC1197IS8 Datasheet HTML 7Page - Linear Technology LTC1197IS8 Datasheet HTML 8Page - Linear Technology LTC1197IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1197/LTC1197L
LTC1199/LTC1199L
LTC1197
LTC1199
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VCC = 5V Operation
tsuCS
Setup Time CS
↓ Before First CLK↑
26
26
ns
(See Figures 1, 2)
thDI
Hold Time DIN After CLK↑
LTC1199
26
ns
tsuDI
Setup Time DIN Stable Before CLK↑
LTC1199
26
ns
tWHCLK
CLK High Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWLCLK
CLK Low Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWHCS
CS High Time Between Data Transfer Cycles
32
32
ns
tWLCS
CS Low Time During Data Transfer
13
15
CLK
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
– 0.05V to VCC + 0.05V
LTC1197
LTC1199
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
q
±2
±2
LSB
Linearity Error
(Note 3)
q
±1
±1
LSB
Gain Error
q
±4
±4
LSB
No Missing Codes Resolution
q
10
10
Bits
Analog Input Range
V
Reference Input Range
LTC1197, VCC ≤ 6V
0.2
VCC + 0.05V
V
LTC1197, VCC > 6V
0.2
6
V
Analog Input Leakage Current
(Note 4)
q
±1
±1
µA
LTC1197L
LTC1199L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.7
4
2.7
4
V
VCC = 2.7V Operation
fCLK
Clock Frequency
q
0.01
3.5
0.01
3.5
MHz
tCYC
Total Cycle Time
14
16
CLK
tSMPL
Analog Input Sampling Time
1.5
1.5
CLK
thCS
Hold Time CS Low After Last CLK
40
40
ns
tsuCS
Setup Time CS
↓ Before First CLK↑
78
78
ns
(See Figures 1, 2)
thDI
Hold Time DIN After CLK↑
LTC1199L
78
ns
tsuDI
Setup Time DIN Stable Before CLK↑
LTC1199L
78
ns
tWHCLK
CLK High Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWLCLK
CLK Low Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWHCS
CS High Time Between Data Transfer Cycles
96
96
ns
tWLCS
CS Low Time During Data Transfer
13
15
CLK
The q denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C.
RECO
E DED OPERATI G CO DITIO S
CO VERTER A D
ULTIPLEXER CHARACTERISTICS


Similar Part No. - LTC1197IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197IS8 LINER-LTC1197IS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1197IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com