Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1199 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1199
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199 Datasheet(HTML) 1 Page - Linear Technology

  LTC1199 Datasheet HTML 1Page - Linear Technology LTC1199 Datasheet HTML 2Page - Linear Technology LTC1199 Datasheet HTML 3Page - Linear Technology LTC1199 Datasheet HTML 4Page - Linear Technology LTC1199 Datasheet HTML 5Page - Linear Technology LTC1199 Datasheet HTML 6Page - Linear Technology LTC1199 Datasheet HTML 7Page - Linear Technology LTC1199 Datasheet HTML 8Page - Linear Technology LTC1199 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1197/LTC1197L
LTC1199/LTC1199L
10-Bit, 500ksps ADCs in
MSOP with Auto Shutdown
Single 2.7V Supply, 250ksps, 10-Bit Sampling ADC
Supply Current vs Sampling Frequency
SAMPLING FREQUENCY (kHz)
0.01
100
1000
10000
100
1197/99 G03
10
1
0.1
0.1
1
10
1000
VCC = 5V
fCLK = 7.2MHz
VCC = 2.7V
fCLK = 3.5MHz
1
2
3
4
8
7
6
5
CS
+IN
–IN
GND
VCC
CLK
DOUT
VREF
LTC1197L
1197/99 TA01
ANALOG INPUT
0V TO 2.7V RANGE
2.7V
1
µF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
The LTC
®1197/LTC1197L/LTC1199/LTC1199L are
10-bit A/D converters with sampling rates up to 500kHz.
They have 2.7V (L) and 5V versions and are offered in
8-pin MSOP and SO packages. Power dissipation is typi-
cally only 2.2mW at 2.7V (25mW at 5V) during full speed
operation. The automatic power down reduces supply
current linearly as sample rate is reduced. These 10-bit,
switched-capacitor, successive approximation ADCs in-
clude a sample-and-hold. The LTC1197/LTC1197L have a
differential analog input with an adjustable reference pin.
The LTC1199/LTC1199L offer a software-selectable
2-channel MUX.
The 3-wire serial I/O, MSOP and SO-8 packages, 2.7V
operation and extremely high sample rate-to-power ratio
make these ADCs ideal choices for compact, low power
high speed systems.
These circuits can be used in ratiometric applications or
with external references. The high impedance analog
inputs and the ability to operate with reduced spans below
1V full scale (LTC1197/LTC1197L) allow direct connec-
tion to signal sources in many applications, eliminating
the need for gain stages.
s
8-Pin MSOP and SO Packages
s
10-Bit Resolution at 500ksps
s
Single Supply: 5V or 3V
s
Low Power at Full Speed:
25mW Typ at 5V
2.2mW Typ at 2.7V
s
Auto Shutdown Reduces Power Linearly
at Lower Sample Rates
s
10-Bit Upgrade to 8-Bit LTC1196/LTC1198
s
SPI and MICROWIRE
TM Compatible Serial I/O
s
Low Cost
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
s
High Speed Data Acquisition
s
Portable or Compact Instrumentation
s
Low Power or Battery-Operated Instrumentation
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1199

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1199 LINER-LTC1199 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199C LINER-LTC1199C Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CS8 LINER-LTC1199CS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199I LINER-LTC1199I Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199IS8 LINER-LTC1199IS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1199

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com