Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24W16UVN Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NM24W16UVN
Description  16K-Bit Serial EEPROM 2-Wire Bus Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24W16UVN Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NM24W16UVN Datasheet HTML 4Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 5Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 6Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 7Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 8Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 9Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 10Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 11Page - Fairchild Semiconductor NM24W16UVN Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
NM24C16U/17U Rev. B.1
DS800010-10
SDA
SCL
STOP
CONDITION
START
CONDITION
WORD n
8th BIT
ACK
tWR
Write Cycle Timing (Figure 1)
Note:
The write cycle time (tWR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle.
Data Validity (Figure 2)
Start and Stop Definition (Figure 3)
Acknowledge Response from Receiver (Figure 4)
SCL FROM
MASTER
DATA OUTPUT
FROM
TRANSMITTER
DATA OUTPUT
FROM
RECEIVER
18
9
START
ACKNOWLEDGE
SDA
SCL
START
CONDITION
STOP
CONDITION
SCL
DATA STABLE
DATA
CHANGE
SDA
DS800010-11
DS800010-12
DS800010-13


Similar Part No. - NM24W16UVN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16 FAIRCHILD-NM24W16 Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
More results

Similar Description - NM24W16UVN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com