Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-1004UVC2D-Q5 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # LL-1004UVC2D-Q5
Description  10mm Round With Flange Type Purple LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-1004UVC2D-Q5 Datasheet(HTML) 1 Page - Lucky Light Electronic

  LL-1004UVC2D-Q5 Datasheet HTML 1Page - Lucky Light Electronic LL-1004UVC2D-Q5 Datasheet HTML 2Page - Lucky Light Electronic LL-1004UVC2D-Q5 Datasheet HTML 3Page - Lucky Light Electronic LL-1004UVC2D-Q5 Datasheet HTML 4Page - Lucky Light Electronic LL-1004UVC2D-Q5 Datasheet HTML 5Page - Lucky Light Electronic LL-1004UVC2D-Q5 Datasheet HTML 6Page - Lucky Light Electronic LL-1004UVC2D-Q5 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Luckylight
Spec No.: B810 X285
Rev No.: V.2
Date: Jun/26/2005
Page: 1 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Part No.: LL-1004UVC2D-Q5
10mm Round With Flange Type
Purple LED
Technical Data Sheet


Similar Part No. - LL-1004UVC2D-Q5

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004UVC2D-Q5 LUCKY-LIGHT-LL-1004UVC2D-Q5 Datasheet
170Kb / 7P
   Purple LED
LL-1004UVC2D-Q5 LUCKY-LIGHT-LL-1004UVC2D-Q5_15 Datasheet
170Kb / 7P
   Purple LED
More results

Similar Description - LL-1004UVC2D-Q5

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004BM2D-B4-2G LUCKY-LIGHT-LL-1004BM2D-B4-2G Datasheet
170Kb / 7P
   10mm Round With Flange Type Blue LED Technical Data Sheet
LL-1004WC2D-W2-3SD LUCKY-LIGHT-LL-1004WC2D-W2-3SD Datasheet
231Kb / 8P
   10mm Round With Flange Type White LED Technical Data Sheet
LL-1003AD2R-A1 LUCKY-LIGHT-LL-1003AD2R-A1 Datasheet
137Kb / 7P
   10mm Round With Flange Type Amber LED Technical Data Sheet
LL-1004BC2D-B4-1G LUCKY-LIGHT-LL-1004BC2D-B4-1G Datasheet
170Kb / 7P
   10mm Round With Flange Type Blue LED Technical Data Sheet
LL-1004WM2D-W2-3K LUCKY-LIGHT-LL-1004WM2D-W2-3K Datasheet
231Kb / 8P
   10mm Round With Flange Type White LED Technical Data Sheet
LL-1003YD2R-2Y LUCKY-LIGHT-LL-1003YD2R-2Y Datasheet
138Kb / 7P
   10mm Round With Flange Type Yellow LED Technical Data Sheet
LL-1004WC2D-W2-1SD LUCKY-LIGHT-LL-1004WC2D-W2-1SD Datasheet
230Kb / 8P
   10mm Round With Flange Type White LED Technical Data Sheet
LL-1004BD2D-B4-2G LUCKY-LIGHT-LL-1004BD2D-B4-2G Datasheet
136Kb / 7P
   10mm Round With Flange Blue LED Technical Data Sheet
LL-1004PGM2D-G4-1B LUCKY-LIGHT-LL-1004PGM2D-G4-1B Datasheet
170Kb / 7P
   10mm Round With Flange Type Pure Green LED Technical Data Sheet
LL-1004PGM2D-G5-3G-01 LUCKY-LIGHT-LL-1004PGM2D-G5-3G-01 Datasheet
170Kb / 7P
   10mm Round With Flange Type Pure Green LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com