Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB20164R7M Datasheet(PDF) 9 Page - Linear Technology

Part # LB20164R7M
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LB20164R7M Datasheet(HTML) 9 Page - Linear Technology

Back Button LB20164R7M Datasheet HTML 4Page - Linear Technology LB20164R7M Datasheet HTML 5Page - Linear Technology LB20164R7M Datasheet HTML 6Page - Linear Technology LB20164R7M Datasheet HTML 7Page - Linear Technology LB20164R7M Datasheet HTML 8Page - Linear Technology LB20164R7M Datasheet HTML 9Page - Linear Technology LB20164R7M Datasheet HTML 10Page - Linear Technology LB20164R7M Datasheet HTML 11Page - Linear Technology LB20164R7M Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1931/LT1931A
1931fa
TYPICAL APPLICATIO S
VIN
VIN
5V
VOUT
–12V
150mA
1931 TA02
SW
L1A
10
µH
L1B
10
µH
D1
GND
LT1931
C1: TAIYO YUDEN X5R JMK212BJ475MG
C2: TAIYO YUDEN X5R TMK316BJ105ML
C3: TAIYO YUDEN X5R EMK325BJ106MM
D1: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CLS62-100
C1
4.7
µF
C3
10
µF
C2
1
µF
R2
10k
R1
84.5k
NFB
SHDN
5V to –12V Inverting Converter
LOAD CURRENT (mA)
0
50
60
70
80
25
50
75
100
1931 TA03
125
90
100
55
65
75
85
95
150
Efficiency
VIN
VIN
5V
VOUT
–5V
300mA
1931 TA04
SW
L1
10
µH
L2
10
µH
D1
GND
LT1931
C1: TAIYO YUDEN X5R JMK212BJ475MG
C2: TAIYO YUDEN X5R LMK212BJ105MG
C3: TAIYO YUDEN X5R JMK212BJ226MM
D1: ON SEMICONDUCTOR MBR0520
L1, L2: MURATA LQH3C100K04
C1
4.7
µF
C3
22
µF
C2
1
µF
R2
10k
R1
29.4k
220pF
NFB
SHDN
5V to – 5V Inverting Converter Using Uncoupled Inductors
VIN
VIN
5V
VOUT
–5V
300mA
1931 TA05a
SW
L1
4.7
µH
L2
4.7
µH
D1
GND
LT1931A
C1: TAIYO YUDEN X5R JMK212BJ475MG
C2: TAIYO YUDEN X5R LMK212BJ105MG
C3: TAIYO YUDEN X5R JMK212BJ475MG
D1: ON SEMICONDUCTOR MBR0520
L1, L2: MURATA LQH3C4R7M24
C1
4.7
µF
C3
4.7
µF
C2
1
µF
R2
10k
R1
28.7k
C4
180pF
NFB
SHDN
LOAD CURRENT (mA)
0
50
55
65
70
75
100
200
250
1931 TA05b
60
80
50
150
300
350
2.2MHz, 5V to – 5V Inverting Converter
Efficiency


Similar Part No. - LB20164R7M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2016 TAIYO-YUDEN-LB2016 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
logo
ON Semiconductor
LB2016B100 ONSEMI-LB2016B100 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
LB2016B4R7 ONSEMI-LB2016B4R7 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Pepperl+Fuchs Inc.
LB2016E PF-LB2016E Datasheet
309Kb / 5P
   Digital Output with Position Feedback
2021-12-01
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100 TAIYO-YUDEN-LB2016T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
More results

Similar Description - LB20164R7M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com