Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PN2222A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. PN2222A
Description  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN2222A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  PN2222A Datasheet HTML 1Page - Fairchild Semiconductor PN2222A Datasheet HTML 2Page - Fairchild Semiconductor PN2222A Datasheet HTML 3Page - Fairchild Semiconductor PN2222A Datasheet HTML 4Page - Fairchild Semiconductor PN2222A Datasheet HTML 5Page - Fairchild Semiconductor PN2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NPN General Purpose Amplifier
This device is for use as a medium power amplifier and switch
requiring collector currents up to 500 mA. Sourced from Pro-
cess 19.
PN2222A
C
B
E
TO-92
PZT2222A
B
C
C
SOT-223
E
MMBT2222A
C
B
E
SOT-23
Mark: 1P
NMT2222
MMPQ2222
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
1.0
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
SOT-6
Mark: .1B
C1
E1
C2
B1
E2
B2
1997 Fairchild Semiconductor Corporation
SOIC-16
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4
pin #1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn