Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5300BRMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD5300BRMZ
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5300BRMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5300BRMZ Datasheet HTML 5Page - Analog Devices AD5300BRMZ Datasheet HTML 6Page - Analog Devices AD5300BRMZ Datasheet HTML 7Page - Analog Devices AD5300BRMZ Datasheet HTML 8Page - Analog Devices AD5300BRMZ Datasheet HTML 9Page - Analog Devices AD5300BRMZ Datasheet HTML 10Page - Analog Devices AD5300BRMZ Datasheet HTML 11Page - Analog Devices AD5300BRMZ Datasheet HTML 12Page - Analog Devices AD5300BRMZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AD5300
Rev. D | Page 13 of 13
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD5300BRM
−40°C to +105°C
8-Lead MSOP
RM-8
D2B
AD5300BRMZ
−40°C to +105°C
8-Lead MSOP
RM-8
D2B
AD5300BRMZ-REEL
−40°C to +105°C
8-Lead MSOP
RM-8
D2B
AD5300BRMZ-REEL7
−40°C to +105°C
8-Lead MSOP
RM-8
D2B
AD5300BRT-500RL7
−40°C to +105°C
6-Lead SOT-23
RJ-6
D2B
AD5300BRT-REEL
−40°C to +105°C
6-Lead SOT-23
RJ-6
D2B
AD5300BRT-REEL7
−40°C to +105°C
6-Lead SOT-23
RJ-6
D2B
AD5300BRTZ-500RL7
−40°C to +105°C
6-Lead SOT-23
RJ-6
D2B
AD5300BRTZ-REEL
−40°C to +105°C
6-Lead SOT-23
RJ-6
D2B
AD5300BRTZ-REEL7
−40°C to +105°C
6-Lead SOT-23
RJ-6
D2B
AD5300WBRTZ-RL7
−40°C to +105°C
6-Lead SOT-23
RJ-6
DG5
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD5300WBRTZ-RL7 model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that this automotive model may have specifications that differ from the commercial models; therefore, designers should
review the Specifications section of this data sheet carefully. Only the automotive grade product shown is available for use in automotive
applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific
Automotive Reliability reports for this model.
REVISION HISTORY
12/10—Rev. C to Rev. D
Change to Features Section..............................................................1
Updated Outline Dimensions........................................................12
Moved Ordering Guide; Changes to Ordering Guide................13
Added Automotive Products Section ...........................................13
11/03—Rev. B to Rev. C
Changes to Ordering Guide.............................................................3
Changes to Pin Function Descriptions Section ............................4
Updated Outline Dimensions........................................................12
©2003–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00471-0-12/10(D)


Similar Part No. - AD5300BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300BRM AD-AD5300BRM Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL AD-AD5300BRM-REEL Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL7 AD-AD5300BRM-REEL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5300BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com