Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5300BRM Datasheet(PDF) 11 Page - Analog Devices

Part # AD5300BRM
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5300BRM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5300BRM Datasheet HTML 5Page - Analog Devices AD5300BRM Datasheet HTML 6Page - Analog Devices AD5300BRM Datasheet HTML 7Page - Analog Devices AD5300BRM Datasheet HTML 8Page - Analog Devices AD5300BRM Datasheet HTML 9Page - Analog Devices AD5300BRM Datasheet HTML 10Page - Analog Devices AD5300BRM Datasheet HTML 11Page - Analog Devices AD5300BRM Datasheet HTML 12Page - Analog Devices AD5300BRM Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD5300
–11–
REV.
0.1 F
VDD
10k
POWER
10 F
VDD
SYNC
SCLK
DATA
AD5300
5V
REGULATOR
VDD
10k
VDD
10k
VOUT
DIN
SYNC
SCLK
GND
Figure 32. AD5300 with an Opto-Isolated Interface
Power Supply Bypassing and Grounding
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the
board. The printed circuit board containing the AD5300 should
have separate analog and digital sections, each having its own
area of the board. If the AD5300 is in a system where other
devices require an AGND to DGND connection, the connec-
tion should be made at one point only. This ground point should
be as close as possible to the AD5300.
The power supply to the AD5300 should be bypassed with
10
µF and 0.1 µF capacitors. The capacitors should be physi-
cally as close as possible to the device with the 0.1
µF capacitor
ideally right up against the device. The 10
µF capacitors are the
tantalum bead type. It is important that the 0.1
µF capacitor
has low effective series resistance (ESR) and effective series
inductance (ESI), e.g., common ceramic types of capacitors. This
0.1
µF capacitor provides a low impedance path to ground for
high frequencies caused by transient currents due to internal
logic switching.
The power supply line itself should have as large a trace as pos-
sible to provide a low impedance path and reduce glitch effects
on the supply line. Clocks and other fast switching digital signals
should be shielded from other parts of the board by digital
ground. Avoid crossover of digital and analog signals if possible.
When traces cross on opposite sides of the board, ensure that
they run at right angles to each other to reduce feedthrough
effects through the board. The best board layout technique is
the microstrip technique where the component side of the board
is dedicated to the ground plane only and the signal traces are
placed on the solder side. However, this is not always possible
with a 2-layer board.
R2 = 10k
+5V
–5V
AD820/
OP295
3-WIRE
SERIAL
INTERFACE
+5V
AD5300
10 F
0.1 F
VDD
VOUT
R1 = 10k
5V
Figure 30. Bipolar Operation with the AD5300
Two 8-Bit AD5300s Together Make One 15-Bit DAC
By using the configuration in Figure 31, it can be seen that one
15-bit DAC can be made with two 8-bit AD5300s. Because of
the low supply current the AD5300 requires, the output of one
DAC may be directed into the supply pin of the second DAC.
The first DAC has no problem sourcing the required 140
µA
of current for the second DAC.
Since the AD5300 works on any supply voltage between 2.5 V
and 5.5 V, the output of the first DAC can be anywhere above
2.5 V. For a VDD of 5 V, this allows the first DAC to use half of
its output range (2.5 V to 5 V), which gives 7-bit resolution on
the output voltage. This output then becomes the supply and
reference for the second DAC. The second DAC has 8-bit reso-
lution on the output range, which gives an overall resolution for
the system of 15 bits.
A level-shifter is required to ensure that the logic input voltages
do not exceed the supply voltage of the part. The microcontroller
outputs 5 V signals, which need to be level shifted down to 2.5 V
in the case of the second DAC having a supply of only 2.5 V.
5V
MICRO-
CONTROLLER
VOUT = 2.5V TO 5V
LEVEL
SHIFTER
VOUT = 0V TO 5V
15-BIT
RESOLUTION
SYNC
SCLK
DIN
VDD
AD5300
AD5300
VDD
SYNC
SCLK
DIN
Figure 31. 15-Bit DAC Using Two AD5300s
Using AD5300 with an Opto-Isolated Interface
In process-control applications in industrial environments, it is
often necessary to use an opto-isolated interface to protect and
isolate the controlling circuitry from any hazardous common-
mode voltages that may occur in the area where the DAC is
functioning. Opto-isolators provide isolation in excess of 3 kV.
Because the AD5300 uses a 3-wire serial logic interface, it
requires only three opto-isolators to provide the required isola-
tion (see Figure 32). The power supply to the part also needs to
be isolated. This is done by using a transformer. On the DAC
side of the transformer, a 5 V regulator provides the 5 V supply
required for the AD5300.
D


Similar Part No. - AD5300BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300BRM AD-AD5300BRM Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL AD-AD5300BRM-REEL Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL7 AD-AD5300BRM-REEL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5300BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com