Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5300BRMZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part No. AD5300BRMZ-REEL7
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5300BRMZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5300BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5300BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD5300
–7–
REV.
TEMPERATURE – C
0
–40
80
040
300
100
50
120
VDD = 5V
150
200
250
Figure 11. Supply Current vs.
Temperature
VLOGIC – V
800
600
0
01
5
23
4
400
200
TA = 25 C
VDD = 5V
VDD = 3V
Figure 14. Supply Current vs. Logic
Input Voltage
2k
LOAD
TO VDD
CH1 1V, CH 2 1V, TIME BASE = 20 s/DIV
VDD
VOUT
CH1
CH2
Figure 17. Power-On Reset to 0 V
VDD – V
300
250
0
2.7
3.2
5.2
3.7
4.2
4.7
200
150
100
50
Figure 12. Supply Current vs.
Supply Voltage
VOUT
CLK
CH1 1V, CH 2 5V, TIME BASE = 1 s/DIV
CH1
CH 2
VDD = 5V
FULL-SCALE CODE CHANGE
00 HEX – FF HEX
TA = 25 C
OUTPUT LOADED WITH
2k
AND 200pF TO GND
Figure 15. Full-Scale Settling Time
CH1 1V, CH 2 5V, TIME BASE = 5 s/DIV
CH2
CH1
CLK
VOUT
VDD = 5V
Figure 18. Exiting Power-Down
(7F Hex Loaded)
VDD – V
1.0
0.9
0
2.7
3.2
5.2
3.7
4.2
4.7
0.4
0.3
0.2
0.1
0.8
0.6
0.7
0.5
THREE–STATE
CONDITION
–40 C
+25 C
+105 C
Figure 13. Power-Down Current vs.
Supply Voltage
VOUT
CLK
VDD = 5V
HALF-SCALE CODE CHANGE
40 HEX – C0 HEX
TA = 25 C
OUTPUT LOADED WITH
2k
AND 200pF TO GND
CH1 1V, CH2 5V, TIME BASE = 1 s/DIV
CH 1
CH 2
Figure 16. Half-Scale Settling Time
500ns/DIV
2.54
2.46
2.50
2.48
2.52
LOADED WITH 2k
AND 200pF TO GND
CODE CHANGE:
80 HEX TO 7F HEX
Figure 19. Digital-to-Analog Glitch
Impulse
D


Similar Part No. - AD5300BRMZ-REEL7

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD5300BRM AD-AD5300BRM Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL AD-AD5300BRM-REEL Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL7 AD-AD5300BRM-REEL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5300BRMZ-REEL7

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz