Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1931 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1931
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1931 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1931 Datasheet HTML 4Page - Linear Technology LT1931 Datasheet HTML 5Page - Linear Technology LT1931 Datasheet HTML 6Page - Linear Technology LT1931 Datasheet HTML 7Page - Linear Technology LT1931 Datasheet HTML 8Page - Linear Technology LT1931 Datasheet HTML 9Page - Linear Technology LT1931 Datasheet HTML 10Page - Linear Technology LT1931 Datasheet HTML 11Page - Linear Technology LT1931 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1931/LT1931A
1931fa
TYPICAL APPLICATIO S
VIN
VIN
5V
VOUT
–5V
200mA
1931 TA06a
SW
L1
3.3
µH
L2
3.3
µH
D1
GND
LT1931A
C1: TAIYO YUDEN X5R JMK212BJ225MG
C2: TAIYO YUDEN X5R LMK212BJ105MG
C3: TAIYO YUDEN X5R JMK212BJ475MG
D1: ON SEMICONDUCTOR MBR0520
L1, L2: PANASONIC ELJPC3R3MF
C1
2.2
µF
C3
4.7
µF
C2
1
µF
R2
10k
R1
28.7k
C4
68pF
NFB
SHDN
LOAD CURRENT (mA)
0
50
55
60
65
70
75
80
50
100
150
200
1931 TA06b
250
2.2MHz, 5V to –5V Converter Uses Tiny Chip Inductors
Efficiency
VIN
VIN
12V
VSS
SW
L1
22
µH
GND
R2
1k
LT1931
NFB
SHDN
RSS
15k
R3
25.5k
R1
1
R4
2.7k
C6
1000pF
CSS
68nF
C1
4.7
µF
16V
C3
1
µF
35V
*TOTAL OUTPUT POWER NOT TO EXCEED 3.3W
C1 TO C5: X5R OR X7R
D1, D2: BAV99 OR EQUIVALENT
L1: SUMIDA CR43-220
C5
4.7
µF
35V
32
D2
1
1931 TA08
C4
4.7
µF
35V
VOUT1
–33V
100mA*
COM
VOUT2
–66V
48mA*
C2
1
µF
35V
32
D1
1
SLIC Power Supply with – 33V and – 68V Outputs, Uses Soft-Start


Similar Part No. - LT1931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1931 LINER-LT1931 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT1931 LINER-LT1931 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
More results

Similar Description - LT1931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com