Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1244 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1244
Description  High Speed Current Mode Pulse Width Modulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1244 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1244 Datasheet HTML 3Page - Linear Technology LT1244 Datasheet HTML 4Page - Linear Technology LT1244 Datasheet HTML 5Page - Linear Technology LT1244 Datasheet HTML 6Page - Linear Technology LT1244 Datasheet HTML 7Page - Linear Technology LT1244 Datasheet HTML 8Page - Linear Technology LT1244 Datasheet HTML 9Page - Linear Technology LT1244 Datasheet HTML 10Page - Linear Technology LT1244 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1241 Series
PI
FU C
S
TI
COMP (Pin 1): Compensation Pin. This pin is the output of
the Error Amplifier and is made available for loop compen-
sation. It can also be used to adjust the maximum value of
the current sense clamp voltage to less than 1V. This pin
can source a minimum of 0.5mA (0.8mA typ) and sink a
minimum of 2mA (4mA typ)
FB (Pin 2) Voltage Feedback Pin. This pin is the inverting
input of the error amplifier. The output voltage is normally
fed back to this pin through a resistive divider. The non-
inverting input of the error amplifier is internally commit-
ted to a 2.5V reference point.
ISENSE (Pin 3): Current Sense Pin. This is the input to the
current sense comparator. The trip point of the compara-
tor is set by, and is proportional to, the output voltage of
the Error Amplifier.
RT/CT (Pin 4): The oscillator frequency and the deadtime
are set by connecting a resistor (RT) from VREF to RT/CT
and a capacitor (CT) from RT/CT to GND.
The rise time of the oscillator waveform is set by the RC
time constant of RT and CT. The fall time, which is equal to
the output deadtime, is set by a combination of the RC time
constant and the oscillator sink current (8.2mA typ).
GND (Pin 5): Ground.
OUTPUT (Pin 6): This pin is the output of a high current
totem pole output stage. It is capable of driving up to
±1A
of current into a capacitive load such as the gate of a
MOSFET.
VCC (Pin 7): This pin is the positive supply of the control
IC.
VREF (Pin 8): Reference. This is the reference output of the
IC. The reference output is used to supply charging current
to the external timing resistor RT. The reference provides
biasing to a large portion of the internal circuitry, and is
used to generate several internal reference levels includ-
ing the VFB level and the current sense clamp voltage.
S
APPLICATI
I FOR ATIO
MINIMUM
START-UP
OPERATING
MAXIMUM
DEVICE
THRESHOLD
VOLTAGE
DUTY CYCLE REPLACES
LT1241
9.6V
7.6V
50%
NONE
LT1242
16V
10V
100%
UC1842
LT1243
8.4V
7.6V
100%
UC1843
LT1244
16V
10V
50%
UC1844
LT1245
8.4V
7.6V
50%
UC1845
Oscillator
The LT1241 series devices are fixed frequency current
mode pulse width modulators. The oscillator frequency
and the oscillator discharge current are both trimmed and
tightly specified to minimize the variations in frequency
and deadtime. The oscillator frequency is set by choosing
a resistor and capacitor combination, RT and CT. This RC
combination will determine both the frequency and the
maximum duty cycle. The resistor RT is connected from
VREF (Pin 8) to the RT/CT pin (Pin 4). The capacitor CT is
connected from the RT/CT pin to ground. The charging
current for CT is determined by the value of RT. The
discharge current for CT is set by the difference between
the current supplied by RT and the discharge current of the
LT124X. The discharge current of the device is trimmed to
8.2mA. For large values of RT discharge time will be
determined by the discharge current of the device and the
value of CT. As the value of RT is reduced it will have more
effect on the discharge time of CT. During an oscillator
cycle capacitor CT is charged to approximately 2.8V and
discharged to approximately 1.1V. The output is enabled
during the charge time of CT and disabled, in an off state,
during the discharge time of CT. The deadtime of the circuit
is equal to the discharge time of CT. The maximum duty
cycle is limited by controlling the deadtime of the oscilla-
tor. There are many combinations of RT and CT that will
yield a given oscillator frequency, however there is only
one combination that will yield a specific deadtime at that
frequency. Curves of oscillator frequency and deadtime


Similar Part No. - LT1244

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244 LINER-LT1244 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244 LINER-LT1244 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244 LINER-LT1244 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244 LINER-LT1244 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT1244

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com