Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB75N03HDL Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTB75N03HDL
Description  TMOS POWER FET LOGIC LEVEL 75 AMPERES 25 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB75N03HDL Datasheet(HTML) 5 Page - Motorola, Inc

  MTB75N03HDL Datasheet HTML 1Page - Motorola, Inc MTB75N03HDL Datasheet HTML 2Page - Motorola, Inc MTB75N03HDL Datasheet HTML 3Page - Motorola, Inc MTB75N03HDL Datasheet HTML 4Page - Motorola, Inc MTB75N03HDL Datasheet HTML 5Page - Motorola, Inc MTB75N03HDL Datasheet HTML 6Page - Motorola, Inc MTB75N03HDL Datasheet HTML 7Page - Motorola, Inc MTB75N03HDL Datasheet HTML 8Page - Motorola, Inc MTB75N03HDL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MTB75N03HDL
5
Motorola TMOS Power MOSFET Transistor Device Data
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
TJ = 25°C
ID = 75 A
VDD = 15 V
VGS = 5 V
tr
tf
td(off)
td(on)
0
QT, TOTAL GATE CHARGE (nC)
10
20
30
40
70
TJ = 25°C
ID = 75 A
10000
1000
100
10
6
4
2
0
7
5
3
1
28
24
20
16
12
8
4
50
60
0
QT
Q1
Q3
VGS
VDS
Q2
DRAIN–TO–SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse re-
covery characteristics which play a major role in determining
switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier de-
vice, therefore it has a finite reverse recovery time, trr, due to
the storage of minority carrier charge, QRR, as shown in the
typical reverse recovery wave form of Figure 12. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery further
increases switching losses. Therefore, one would like a
diode with short trr and low QRR specifications to minimize
these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current ring-
ing. The mechanisms at work are finite irremovable circuit
parasitic inductances and capacitances acted upon by high
di/dts. The diode’s negative di/dt during ta is directly con-
trolled by the device clearing the stored charge. However,
the positive di/dt during tb is an uncontrollable diode charac-
teristic and is usually the culprit that induces current ringing.
Therefore, when comparing diodes, the ratio of tb/ta serves
as a good indicator of recovery abruptness and thus gives a
comparative estimate of probable noise generated. A ratio of
1 is considered ideal and values less than 0.5 are considered
snappy.
Compared to Motorola standard cell density low voltage
MOSFETs, high cell density MOSFET diodes are faster
(shorter trr), have less stored charge and a softer reverse re-
covery characteristic. The softness advantage of the high
cell density diode means they can be forced through reverse
recovery at a higher di/dt than a standard cell MOSFET
diode without increasing the current ringing or the noise gen-
erated. In addition, power dissipation incurred from switching
the diode will be less due to the shorter recovery time and
lower switching losses.
Figure 10. Diode Forward Voltage versus Current
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
TJ = 25°C
VGS = 0 V
0.6
0.7
0.8
0.9
1
0.5
0
15
30
45
60
75


Similar Part No. - MTB75N03HDL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB75N03HDL ONSEMI-MTB75N03HDL Datasheet
260Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTB75N03HDLT4 ONSEMI-MTB75N03HDLT4 Datasheet
260Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MTB75N03HDL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP75N03HDL MOTOROLA-MTP75N03HDL Datasheet
235Kb / 8P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES RDS(on) = 9.0 mOHM 25 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTB50N06EL MOTOROLA-MTB50N06EL Datasheet
97Kb / 4P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 60 VOLTS
MTB75N05HD MOTOROLA-MTB75N05HD Datasheet
254Kb / 8P
   TMOS POWER FET 75 AMPERES 50 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTB1306 MOTOROLA-MTB1306 Datasheet
176Kb / 8P
   TMOS POWER FET 75 AMPERES
MTD20N03HDL MOTOROLA-MTD20N03HDL Datasheet
250Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTP50P03HDL MOTOROLA-MTP50P03HDL Datasheet
131Kb / 8P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS RDS(on) = 0.025 OHM
MTD20N06HDL MOTOROLA-MTD20N06HDL Datasheet
293Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com