Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-34404 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 61-34404
Description  Choose one component from each of the colored sections to assemble a complete switch.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

61-34404 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  61-34404 Datasheet HTML 1Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 2Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 3Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 4Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 5Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 6Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 7Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 8Page - List of Unclassifed Manufacturers 61-34404 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
65
EAO Switch Condensed Catalog 100
1
61-9922.0
24 x 30mm
Flush
2
61-9921.0
24 x 24mm
Flush
3
61-9924.0
25mm Ø
Flush
4
61-9920.0
24 x 24mm
Raised
5
51-925
18 x 24mm
Raised
6
51-920
18 x 18mm
Raised
Image
Part No.
Size
Raised/Flush mount
Flap guard, raised and flush mount
1
61-9230.0
18 x 24mm
2
61-9220.0
18 x 18mm
3
61-9210.0
18mm Ø
4
61-9250.0
24 x 24mm
Image
Part No.
Size
Flush front bezel for keylocks, black plastic
1
61-9933.10
Plastic
25 mm Ø
2
61-9933.0
Aluminum
25mm Ø
3
61-9931.0
Plastic
24 x 30mm
4
61-9930.0
Plastic
24 x 24mm
5
61-9933.1
Aluminum
25mm Ø
Image
Part No.
Material
Size
Flush mount adapter for indicators
and pushbuttons
1
61-9932.10
Plastic
25 mm Ø
2*
61-9936.0
Plastic
24 x 24mm
3
61-9932.0
Aluminum
25mm Ø
4
61-9932.1
Black aluminum
25mm Ø
5**
61-9930.0
Plastic
24 x 24mm
6**
61-9931.0
Plastic
24 x 30mm
Image
Part No.
Material
Size
Flush mount adapter for keylocks and selectors
Accessories
A
1
2
3
4
12
3
45
6
1
2
3
4
5
6
1
61-9250.0
24 x 24mm
2
61-9130.0
18 x 24mm
3
61-9120.0
18 x 18mm
4
61-9110.0
18mm Ø
Image
Part No.
Size
Keylock switch front bezel, raised black plastic
1
61-9450.0
24 x 24mm
16mm Ø
2
61-9452.0
24 x 30mm
21 x 27mm
3
61-9451.0
24 x 24mm
21 x 21mm
4
51-947.0
18 x 24mm
16mm Ø
5
51-948.0
18 x 18mm
16mm Ø
6
51-949.0
18mm Ø
16mm Ø
61-9453.0
25mm Ø
22.5mm Ø
Image
Part No.
Size
Mounting hole
Blanking plate
12
3
4
5
6
Accessories
A
12
3
12
3
4
4
Series 61
16mm
22.5mm
21 x 21mm
21 x 27mm
IP65
5A
250VAC
LED
ACCESSORIES
BLOCK
A
Choose one component from each of the colored sections to assemble a complete switch.
For other options or further information please contact EAO Switch directly.
For keylocks must also order flush front
bezel for keylock
* For selectors only ** For keylocks only
Flush bezel must be ordered/used
with keylock flush mount adapter
5


Similar Part No. - 61-34404

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
61-000148-03 OMRON-61-000148-03 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000148-04 OMRON-61-000148-04 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000162-03 OMRON-61-000162-03 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000162-04 OMRON-61-000162-04 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000204-01 OMRON-61-000204-01 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
More results

Similar Description - 61-34404

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B512FSE-2T CRYDOM-B512FSE-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
   The need to choose a high value of the fly-back voltage
logo
Crydom Inc.,
B612-2T CRYDOM-B612-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com