Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1025MJ8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1025MJ8
Description  Micropower Thermocouple Cold Junction Compensator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1025MJ8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1025MJ8 Datasheet HTML 4Page - Linear Technology LT1025MJ8 Datasheet HTML 5Page - Linear Technology LT1025MJ8 Datasheet HTML 6Page - Linear Technology LT1025MJ8 Datasheet HTML 7Page - Linear Technology LT1025MJ8 Datasheet HTML 8Page - Linear Technology LT1025MJ8 Datasheet HTML 9Page - Linear Technology LT1025MJ8 Datasheet HTML 10Page - Linear Technology LT1025MJ8 Datasheet HTML 11Page - Linear Technology LT1025MJ8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1025
1025fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N8 1002
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.130
± .005
(3.302
± 0.127)
.020
(0.508)
MIN
.018
± .003
(0.457
± 0.076)
.120
(3.048)
MIN
12
3
4
87
6
5
.255
± .015*
(6.477
± 0.381)
.400*
(10.160)
MAX
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)


Similar Part No. - LT1025MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1025MJ8 LINER-LT1025MJ8 Datasheet
656Kb / 8P
   Micropower Thermocouple Cold Junction Compensator
LT1025MJ8 LINER-LT1025MJ8 Datasheet
193Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results

Similar Description - LT1025MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226_15 Datasheet
395Kb / 4P
   MICROPOWER THERMOCOUPLE COLD JUNCTION COMPENSATOR
REV. A
AC1226 AD-AC1226 Datasheet
374Kb / 4P
   Micropower Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025 LINER-LT1025_03 Datasheet
193Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LT1025 LINER-LT1025 Datasheet
656Kb / 8P
   Micropower Thermocouple Cold Junction Compensator
logo
List of Unclassifed Man...
2B56 ETC1-2B56 Datasheet
37Kb / 1P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Intronics Power, Inc.
2B56 INTRONICS-2B56 Datasheet
1Mb / 4P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Linear Technology
LTK001 LINER-LTK001_09 Datasheet
105Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001 Datasheet
286Kb / 4P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001_15 Datasheet
110Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com