Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA4450HA08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RA4450HA08
Description  Solid State Relays Industrial, 1-Phase ZS, Standard Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RA4450HA08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RA4450HA08 Datasheet HTML 1Page - List of Unclassifed Manufacturers RA4450HA08 Datasheet HTML 2Page - List of Unclassifed Manufacturers RA4450HA08 Datasheet HTML 3Page - List of Unclassifed Manufacturers RA4450HA08 Datasheet HTML 4Page - List of Unclassifed Manufacturers RA4450HA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-60
Specifications are subject to change without notice (28.02.2007)
• AC Solid State Relay
• Zero switching
• Direct copper bonding technology
• Rated operational current: 10, 25, 50 and 90 AACrms
• Blocking voltage: Up to 1200 V
p
• Rated operational voltage: Up to 480 VACrms
• 3 input ranges: 3 to 32 VDC, 10 to 90 VAC/DC and
90 to 280 VAC/DC
• Isolation: OPTO (input-output) 4000 VACrms
Product Description
The zero switching relay with
antiparallel thyristor output is
the most widely used indus-
trial SSR due to its multiple
application possibilities. The
relay can be used for resis-
Solid State Relay
Switching mode
Rated operational voltage
Rated operational current
Control voltage
Blocking voltage
Ordering Key
Solid State Relays
tive, inductive and capacitive
loads. The zero switching re-
lay switches ON when the
sine curve just crosses zero
and switches OFF when the
current crosses zero.
Type Selection
Switching mode
Rated operational
Rated operational
Control voltage
Blocking voltage
voltage
current
A: Zero switching
24: 230 VACrms
10: 10 AACrms
-D: 3 to 32 VDC
06: 650 Vp
44: 400 VACrms
25: 25 AACrms
LA: 10 to 90 VAC/DC
08: 850 Vp
48: 480 VACrms
50: 50 AACrms
HA: 90 to 280 VAC/DC
12: 1200 Vp
90: 90 AACrms
Selection Guide
Rated opera-
Blocking
Control voltage
Rated operational current
tional voltage voltage
10 AACrms
25 AACrms
50 AACrms
90 AACrms
3 to 32 VDC
RA 2410 -D 06
RA 2425 -D 06
RA 2450 -D 06
RA 2490 -D 06
230 VACrms
650 Vp
10 to 90 VAC/DC
RA 2410 LA 06
RA 2425 LA 06
RA 2450 LA 06
RA 2490 LA 06
90 to 280 VAC/DC
RA 2410 HA 06
RA 2425 HA 06
RA 2450 HA 06
RA 2490 HA 06
3 to 32 VDC
RA 4410 -D 08
RA 4425 -D 08
RA 4450 -D 08
RA 4490 -D 08
400 VACrms
850 Vp
10 to 90 VAC/DC
RA 4410 LA 08
RA 4425 LA 08
RA 4450 LA 08
RA 4490 LA 08
90 to 280 VAC/DC
RA 4410 HA 08
RA 4425 HA 08
RA 4450 HA 08
RA 4490 HA 08
3 to 32 VDC
RA 4810 -D 12
RA 4825 -D 12
RA 4850 -D 12
RA 4890 -D 12
480 VACrms
1200 Vp
10 to 90 VAC/DC
RA 4810 LA 12
RA 4825 LA 12
RA 4850 LA 12
RA 4890 LA 12
90 to 280 VAC/DC
RA 4810 HA 12
RA 4825 HA 12
RA 4850 HA 12
RA 4890 HA 12
Industrial, 1-Phase ZS, Standard Range
Types RA 24.. .. 06/RA 44.. .. 08/RA 48.. .. 12
RA 24 10 LA 06


Similar Part No. - RA4450HA08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RA4-12W-K FUJITSU-RA4-12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RA4-D12W-K FUJITSU-RA4-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
List of Unclassifed Man...
RA400 ETC-RA400 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
Systemsensor advanced i...
RA400Z SYSTEMSENSOR-RA400Z Datasheet
223Kb / 2P
   Plug-in 190째F Thermal Detector
RA400Z SYSTEMSENSOR-RA400Z Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
More results

Similar Description - RA4450HA08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com