Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-12300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 61-12300
Description  Choose one component from each of the colored sections to assemble a complete switch.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

61-12300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  61-12300 Datasheet HTML 1Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 2Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 3Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 4Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 5Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 6Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 7Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 8Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Series 61
Choose one component from each of the colored sections to assemble a complete switch.
For other options or further information please contact EAO Switch directly.
INDICATOR
PUSHBUTTON
KEYLOCK
E-STOP
SELECTOR
16mm
22.5mm
21 x 21mm
21 x 27mm
IP65
5A
250VAC
66
www.eaoswitch.com
EAO Switch Condensed Catalog 100
1
31-929
2
31-946
Image
Part No.
Cable shoe for plug-in terminal size
2.8 x 0.5mm and insulation socket
Accessories
A
Contact EAO Switch directly
Part No.
Emergency-stop protective shroud, yellow
painted aluminum with 16mm mounting hole
1
61-9730.0
Lens remover for flush mount
2
01-907
Mounting tool
3
02-905
Lens remover for raised
4
61-9711.0
Contact block remover
5
61-9740.0
LED/lamp remover
Image
Part No.
Product description
Lens remover for flush mount, mounting tool,
lens remover for raised, contact block remover
and LED/lamp remover
1
61-9980.0
2
704.968.0
3
704.968.1
Image
Part No.
Legend plate, adhesive, natural anodized
aluminum finish for flush mount round
pushbuttons, 22.5mm mounting hole
1
61-9480.5
2
61-9481.6
Image
Part No.
Emergency-stop switch enclosure with 16mm
mounting hole, 65mm (w) x 65mm (h) x 57mm (d)
and cable gland M16, front protected to IP65
Accessories
A
12
34
5
12
2
61-9970.0
No markings
61-9970.2
Emergency Stop
61-9970.1
Not Aus
61-9970.3
Arret D’urgence
Part No.
Markings
Emergency-stop label, 43mm diameter,
English, German, French and no markings,
maintains IP65 sealing
1
2
1
2
3


Similar Part No. - 61-12300

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
61-12-1CE OENINDIA-61-12-1CE Datasheet
73Kb / 1P
   SUB MINIATURE POWER RELAY
61-12-1CE-XXX OENINDIA-61-12-1CE-XXX Datasheet
302Kb / 1P
   SUB MINIATURE POWER RELAY
logo
HARTING Technology Grou...
61-12-203-0007-00 HARTING-61-12-203-0007-00 Datasheet
630Kb / 3P
   Han Power T multi Han Q4/2
2021-10-01
More results

Similar Description - 61-12300

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B512FSE-2T CRYDOM-B512FSE-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
   The need to choose a high value of the fly-back voltage
logo
Crydom Inc.,
B612-2T CRYDOM-B612-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com