Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-001002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 61-001002
Description  Choose one component from each of the colored sections to assemble a complete switch.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

61-001002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  61-001002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 6Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 7Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 8Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Series 61
16mm
22.5mm
21 x 21mm
21 x 27mm
IP65
5A
250VAC
62
www.eaoswitch.com
EAO Switch Condensed Catalog 100
Choose one component from each of the colored sections to assemble a complete switch.
For other options or further information please contact EAO Switch directly.
INDICATOR
PUSHBUTTON
KEYLOCK
E-STOP
SELECTOR
A
For complete switch also order
A
For complete switch also order
A
For complete switch also order
For complete switch also order
A
For complete switch also order
Selector switch
Emergency-stop switch
Keylock switch
5
61-2701.0/D
Maintained/Momentary
A
5
61-2703.0/D
Maintained/Momentary
C
5
61-2705.0/D
Maintained/Momentary
C+A
6
61-2801.0/D
Momentary/Maintained
A
6
61-2802.0/D
Momentary/Maintained
B
6
61-2804.0/D
Momentary/Maintained
A+B
Drawing
Part No.
Action
Key rem.
Universal keylock switch,
actuator, 3 position for
raised and flush mount
7
61-4110.0
Momentary
8
61-4210.0
Maintained
9
61-4510.0
Momentary/Momentary
10
61-4610.0
Maintained/Maintained
11
61-4710.0
Maintained/Momentary
12
61-4810.0
Momentary/Maintained
Drawing
Part No.
Action
Universal selector switch, actuator,
2 and 3 position for raised and flush mount
61-3440.4/1
Twist release
61-5441.4/K
Key release
Part No.
Product reference
Emergency-stop, twist release and key release,
27mm diameter for 16mm mounting, foolproof
to EN 60947-5-5 and EN 418
1
61-2101.0/D
Momentary
A
2
61-2201.0/D
Maintained
A
2
61-2203.0/D
Maintained
C
2
61-2205.0/D
Maintained
C+A
Drawing
Part No.
Action
Key rem.
Universal keylock switch,
actuator, 2 position for
raised and flush mount
3
61-2501.0/D Momentary/Momentary
A
4
61-2601.0/D
Maintained/Maintained
A
4
61-2602.0/D
Maintained/Maintained
B
4
61-2603.0/D
Maintained/Maintained
C
4
61-2604.0/D
Maintained/Maintained
A+B
4
61-2605.0/D
Maintained/Maintained
C+A
4
61-2606.0/D
Maintained/Maintained
C+B
4
61-2607.0/D
Maintained/Maintained
C+A+B
Drawing
Part No.
Action
Key rem.
Universal keylock switch,
actuator, 3 position for
raised and flush mount
Keylock switch
A
C
Maint 90°
A
C
Mom 42°
12
A
C
Maint 90°
A
C
Mom 42°
78
A
C
B
Maint 90°
A
B
C
Mom 42°
34
A
C
B
A
B
C
Mom
42°
Mom
42°
56
Maint
90°
Maint
90°
A
C
B
A
B
C
Mom
42°
Mom
42°
11
12
Maint
90°
Maint
90°
A
C
B
Maint 90°
A
B
C
Mom 42°
910
For flush mount order flush front bezel and front bezel adapter
For flush mount order flush front bezel and front bezel adapter
Flush mount adapter determines round, square or rectangular
For flush mount order flush front bezel and front bezel adapter
A
Must use Emergency-stop contact blocks


Similar Part No. - 61-001002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
61-000148-03 OMRON-61-000148-03 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000148-04 OMRON-61-000148-04 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000162-03 OMRON-61-000162-03 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000162-04 OMRON-61-000162-04 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000204-01 OMRON-61-000204-01 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
More results

Similar Description - 61-001002

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B512FSE-2T CRYDOM-B512FSE-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
   The need to choose a high value of the fly-back voltage
logo
Crydom Inc.,
B612-2T CRYDOM-B612-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com