Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD2S82AJP Datasheet(PDF) 3 Page - Analog Devices

Part No. AD2S82AJP
Description  Variable Resolution, Monolithic Resolver-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S82AJP Datasheet(HTML) 3 Page - Analog Devices

  AD2S82AJP Datasheet HTML 1Page - Analog Devices AD2S82AJP Datasheet HTML 2Page - Analog Devices AD2S82AJP Datasheet HTML 3Page - Analog Devices AD2S82AJP Datasheet HTML 4Page - Analog Devices AD2S82AJP Datasheet HTML 5Page - Analog Devices AD2S82AJP Datasheet HTML 6Page - Analog Devices AD2S82AJP Datasheet HTML 7Page - Analog Devices AD2S82AJP Datasheet HTML 8Page - Analog Devices AD2S82AJP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
AD2S81A
AD2S82A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
COMPLEMENT
4, 5
Internally Pulled High (100 k
Ω) to
+VS; Logic LO to Activate; No
Connect for Normal Operation
BUSY
3
Sense
Logic HI When Position O/P Changing
Width
200
600
200
600
ns
Load
Use Additional Pull-Up
1
1
LSTTL
DIRECTION3
Sense
Logic HI Counting Up
Logic LO Counting Down
Max Load
3
3
LSTTL
RIPPLE CLOCK3
Sense
Logic HI, All 1s to All 0s
All 0s to All 1s
Width
Dependent On Input Velocity
300
300
Reset
Before Next Busy
Load
3
3
LSTTL
DIGITAL INPUTS
High Voltage, VIH
INHIBIT, ENABLE
2.0
2.0
V
DB1–DB16, Byte Select
±V
S = ± 10.8 V, VL = 5.0 V
Low Voltage, VIL
INHIBIT, ENABLE
0.8
0.8
V
DB1–DB16, Byte Select
±V
S = ± 13.2 V, VL = 5.0 V
DIGITAL INPUTS
High Current, IIH
INHIBIT, ENABLE
100
100
µA
DB1–DB16
±V
S =
±13.2 V, V
L = 5.5 V
Low Current, IIL
INHIBIT, ENABLE
100
100
µA
DB1–DB16, Byte Select
±V
S =
±13.2 V, V
L = 5.5 V
DIGITAL INPUTS
Low Voltage, VIL
ENABLE = HI
1.0
1.0
V
SC1, SC2, Data Load
±V
S = ± 12.0 V, VL = 5.0 V
Low Current, IIL
ENABLE = HI
–400
–400
µA
SC1, SC2, Data Load
±V
S = ± 12.0 V, VL = 5.0 V
DIGITAL OUTPUTS
High Voltage, VOH
DB1–DB16; RIPPLE CLK, DIR
2.4
2.4
V
±V
S = ± 12.0 V, VL = 4.5 V
IOH = 100 µA
Low Voltage, VOL
DB1–DB16, RIPPLE CLK, DIR
0.4
0.4
V
±V
S = ± 12.0 V, VL = 5.5 V
IOL = 1.2 mA
THREE-STATE LEAKAGE
DB1–DB16 Only
Current IL
+VS =
±12.0 V, V
L = 5.5 V
±100
±100
µA
VOL = 0 V
+VS =
±12.0 V, V
L = 5.5 V
±100
±100
µA
VOH = 5.0 V
POWER SUPPLIES
Voltage Levels
+VS
+10.8
+13.2
+10.8
+13.2
V
–VS
–10.8
–13.2
–10.8
–13.2
V
+VL
+5
+13.2
+5
+13.2
V
Current
+IS
±V
S @ ± 12 V
12
23
12
23
mA
+IS
±V
S @ ± 13.2 V
19
30
19
30
mA
+IL
±V
L @ ± 5.0 V
0.5
1.5
0.5
1.5
mA
NOTES
1Refers to small signal bandwidth.
2Output offset dependent on value for R6.
3Refer to timing diagram.
4AD2S82A only.
5These pins are referenced to +V
S (i.e., HI = +12 V, LO = 0 V).
Specifications subject to change without notice.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test.
AD2S81A/AD2S82A
REV. B


Similar Part No. - AD2S82AJP

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD2S82AJP AD-AD2S82AJP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
More results

Similar Description - AD2S82AJP

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz