Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA2410HA06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RA2410HA06
Description  Solid State Relays Industrial, 1-Phase ZS, Standard Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RA2410HA06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RA2410HA06 Datasheet HTML 1Page - List of Unclassifed Manufacturers RA2410HA06 Datasheet HTML 2Page - List of Unclassifed Manufacturers RA2410HA06 Datasheet HTML 3Page - List of Unclassifed Manufacturers RA2410HA06 Datasheet HTML 4Page - List of Unclassifed Manufacturers RA2410HA06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice (28.02.2007)
2-63
RA 24.. .. 06, RA 44.. .. 08, RA 48.. .. 12
Heatsink Dimensions (load current versus ambient temperature)
16
15
14
13
12
11
10
9
7
5
3
1
Load
current [A]
Thermal resistance
[K/W]
TA
Ambient temp. [
°C]
Power
dissipation [W]
Power
dissipation [W]
2
1.7
1.4
1
0.71
0.40
32
2.5
2.1
1.8
1.4
1
0.66
27
3.1
2.7
2.3
1.9
1.4
1
23
4.
3.5
3
2.5
2
1.4
20
4.9
4.3
3.7
3.1
2.5
1.9
16
6.2
5.4
4.6
3.9
3.1
2.3
13
8.1
7.1
6.1
5.1
4
3
10
11.3
9.9
8.5
7.1
5.6
4.2
7
-
15.6
13.3
11.1
8.9
6.7
5
-
-
-
-
18.7
14
2
20
30
40
50
60
70
25
22.5
20
17.5
15
12.5
10
7.5
5
2.5
TA
Ambient temp. [
°C]
Load
current [A]
RA ..50 .. ..
TA
Ambient temp. [
°C]
50
45
40
35
30
25
20
15
10
5
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
Thermal resistance
[K/W]
2.7
2.2
1.8
1.3
0.87
0.41
22
3.1
2.6
2.1
1.7
1.2
0.65
20
3.7
3,1
2.6
2
1.5
0.92
18
4.3
3.7
3.1
2.5
1.9
1.2
16
5
4.3
3.7
3
2.3
1.6
15
5.9
5.1
4.4
3.6
2.8
2.1
13
6.9
6
5.2
4.3
3.5
2.6
12
7.9
6.9
5.9
4.9
4
3
10
10.8
9.5
8.1
6.8
5.4
4.1
7
-
14.2
12.2
10.2
8.1
6.1
5
-
-
-
-
14.6
10.9
3
-
-
---
-
1
20
30
40
50
60
70
0.92
0.76
0.60
0.45
0.29
-
63
1.2
0.99
0.80
0.62
0.44
0.26
55
1.5
1.3
1.1
0.85
0.63
0.42
47
1.9
1.6
1.4
1.1
0.89
0.63
40
2.4
2.1
1.8
1.5
1.2
0.91
33
3
2.7
2.3
1.9
1.5
1.1
26
3.9
3.5
3
2.5
2
1.5
20
5.5
4.8
4.1
3.4
2.7
2.1
15
8.6
7.5
6.4
5.4
4.3
3.2
9
17.9
15.6
13.4
11.2
8,9
6.7
4
20
30
40
50
60
70
Thermal resistance
[K/W]
Load
current [A]
Power
dissipation [W]
RA ..90 .. ..
TA
Ambient temp. [
°C]
0.63
0.53
0.42
0.32
-
-
97
0.81
0.69
0.57
0.45
0.33
-
84
1
0.89
0.75
0.61
0.47
0.33
71
1.3
1.2
1
0.83
0.66
0.49
59
1.7
1.5
1.3
1.1
0.85
0.64
47
2.2
1.9
1.7
1.4
1.1
0.83
36
3.1
2.7
2.3
1.9
1.5
1.2
26
4.8
4.2
3.6
3
2.4
1.8
17
10
8.8
7.5
6.3
5
3.8
8
20
30
40
50
60
70
90
80
70
60
50
40
30
20
10
Carlo Gavazzi Heatsink
(see Accessories)
No heatsink required
RHS 100 Assy
RHS 301 Assy
RHS 301 F Assy
Consult your distributor
Heatsink Selection
Thermal resistance
Rth s-a > 12.5
K/W
3.0
K/W
0.8
K/W
0.25 K/W
< 0.25 K/W
Compare the value found in the current versus temperature
chart with the standard heatsink values and select the heat-
sink with the next lower value.
RA ..10 .. ..
RA ..25 .. ..


Similar Part No. - RA2410HA06

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
   8 W DC-DC Converter
RA2415UW8F WALL-RA2415UW8F Datasheet
332Kb / 11P
   8W DC-DC Converter
More results

Similar Description - RA2410HA06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com