Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS36B Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UDZS36B
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UDZS36B Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UDZS36B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UDZS36B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd UDZS36B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UDZS SERIES
Surface Mount Zener Diode
Voltage Range
3.6 to 36 Volts
200m Watts Power Dissipation
Features
Compact, 2-pin mini-mold type for high-density
mounting. (UMD2)
Non-wire bonding structure improves.
High demand voltage range (3.6V~36V) is
manufactured on high-efficient non-wire
bonding production line
Mechanical Data
Case: SOD-323, Plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: Cathode band
Marking: Date Code and Type Code or
Date Code only
Type Code: See table on Page 2
Weight: 0.01 grams (approx.)
SOD-323
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation (Note 1)
Pd
200
mW
Junction Temperature Range
TJ
-55 to + 150
OC
Maximum Instantaneous Forward Voltage
@ 100mA
VF
1.3
V
Operating and Storage Temperature Range
TSTG
-55 to + 150
OC
Note: 1. Device Mounted on Ceramic PCB, 7.6mm x 9.4mm x 0.87mm with Pad Areas 25mm
2
0.016(0.4)
0.008(0.2)
0.051(1.3)
0.047(1.2)
0.006(0.15)
0.002(0.05)
0.035(0.9)
0.031(0.8)
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - UDZS36B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS36B ROHM-UDZS36B Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
UDZS36B ROHM-UDZS36B Datasheet
158Kb / 5P
   Zener diode
UDZS36B ROHM-UDZS36B Datasheet
159Kb / 5P
   Zener diode
UDZS36B ROHM-UDZS36B Datasheet
159Kb / 5P
   Zener diode
UDZS36B ROHM-UDZS36B Datasheet
158Kb / 5P
   Zener diode
More results

Similar Description - UDZS36B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com