Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM151 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FM151
Description  1.5A Surface Mount General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM151 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM151 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM151 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM151-FM157
1.0A Surface Mount General Purpose Rectifiers
1.0A Surface Mount General Purpose Rectifiers
1.5A Surface Mount General Purpose Rectifiers
SOD-123FL
Dimensions in inches and (millimeters)
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Tiny plastic SMD package.
High current capability.
High surge capability.
Glass passivated chip junction.
Mechanical data
Case : Molded plastic, SOD-123
FL
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0
1gram
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm) lead length at T =50 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =100 C
A
o
A
o
Maximum Full Load Reverse Current,full cycle
average 0.375
(9.5mm) lead length at T =75 C
L
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
SYMBOLS
F M
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
IR(AV)
CJ
T ,T
J
STG
-65 to +175
50
20
30
50
5.0
1.1
60
1.5
151 152 153 154 155 156 157
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Volts
Volts
Volts
Amps
Amps
Volts
Amps
Amps
pF
O C/W
O C
R JA
Maximum Ratings and Electrical Characteristics
Type Number
F M
F M
F M F M F M
F M
Rating at 25oC ambient temperature unless otherwise specified.


Similar Part No. - FM151

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM150 FORMOSA-FM150 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM150 FORMOSA-FM150 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Electronics ...
FM150 CHENDA-FM150 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Rectron Semiconductor
FM150 RECTRON-FM150 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM150-L FORMOSA-FM150-L Datasheet
173Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Similar Description - FM151

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
BGP154W1-F CITC-BGP154W1-F Datasheet
459Kb / 3P
   1.5A Surface Mount General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com