Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA41-400 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BTA41-400
Description  Discrete Traics (Isolated)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA41-400 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA41-400 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-400 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-400 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-400 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-400 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2: RMS on-state current versus case
temperature (full cycle).
0
5
1 0
1 5
2 0
2 5
3 0
3 5
41
0
1 0
2 0
3 0
4 0
50
IT(RMS) (A)
P (W)
1 8 0˚
α
α
0
25
50
75
1 0 0
1 2 5
0
5
1 0
1 5
2 0
2 5
3 0
3 5
4 0
4 5
Tc(°C)
IT(RMS) (A)
α = 1 8 0
˚
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
Fig. 4: On-state characteristics (maximum
values).
Fig. 5: Surge peak on-state current versus
number of cycles.
Fig. 6: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding value of I²t.
1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03
1.E-03
1.E-02
1.E-01
1.E+00
K=[Zth/Rth]
Z th (j-c )
tp (s)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
1
10
100
400
VTM (V)
ITM (A)
T j= 2 5
˚C
T j m a x
Tj max.:
Vto = 0.85 V
Rd = 10 mΩ
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
Number of cycles
ITSM (A)
Non repetitive
Tj initial=25°C
R e p e titive
T c = 7 0˚C
O n e c y c le
t= 2 0 m s
0.01
0.10
1.00
10.00
100
1000
10000
tp (ms)
ITSM (A), I²t (A²s)
Tj initial=25°C
IT S M
I²t
d I/d t lim ita tio n :
5 0 A /µs
BTA41-200 thru BTA41-1200
Discrete Traics (Isolated)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BTA41-400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA41-400 STMICROELECTRONICS-BTA41-400 Datasheet
74Kb / 5P
   STANDARD TRIACS
BTA41-400B STMICROELECTRONICS-BTA41-400B Datasheet
74Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
More results

Similar Description - BTA41-400

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA08 SIRECT-BTA08 Datasheet
1Mb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB10 SIRECTIFIER-BTB10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com