Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ20CA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5.0SMDJ20CA
Description  For surface mounted applications in order to optimize board space
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5.0SMDJ20CA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5.0SMDJ20CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDJ20CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDJ20CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For surface mounted applications in order to
optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition rate (duty cycle):0.01%
Fast response time: typically less than
1.0 ps from 0 volts to BV for unidirectional types
Typical IR less than 1µA above 10V
High temperature soldering:
250°C/10 seconds at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94 V-O
Case: JEDEC DO214AB. Molded plastic over glass
passivated junction
Polarity: Color band denoted positive end (cathode)
except Bidirectional
Weight: 0.021 grams
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 µs
waveform (NOTE 1, 2, Fig.1)
IPPM
SEE TABLE 1
Amps
Superimposed on Rated Load, (JEDEC Method)(Note2, 3)
Operatings and Storage Temperature Range
TJ, TSTG
-55 +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
VOLTAGE-5.0 TO 170 Volts
5000 Watt Peak Pulse Power
P
PPM
Minimum 5000
Watts
Peak Pulse Current of on 10/1000 µs waveform (Note 1,Fig 3)
IFSM
400
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
5.0SMDJ Series
Rating and Characteristic Curves 5.0SMDJ Series
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
SMC/DO-214AB
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5.0SMDJ20CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ20CA MDE-5.0SMDJ20CA Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5.0SMDJ20CA CHENDA-5.0SMDJ20CA Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Bourns Electronic Solut...
5.0SMDJ20CA BOURNS-5.0SMDJ20CA Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
Littelfuse
5.0SMDJ20CA LITTELFUSE-5.0SMDJ20CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
5.0SMDJ20CA YANGJIE-5.0SMDJ20CA Datasheet
202Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5.0SMDJ20CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
   For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMAFJ5.0A LEIDITECH-P4SMAFJ5.0A Datasheet
463Kb / 4P
   surface mounted applications in order to optimize board space
01.06.2018
logo
DIYI Electronic Technol...
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
   For surface mounted applications in order to optimize board space
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com