Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ14CA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5.0SMDJ14CA
Description  For surface mounted applications in order to optimize board space
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5.0SMDJ14CA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5.0SMDJ14CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDJ14CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDJ14CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
t - Time(ms)
3.0
4.0
150
0
1.0
2.0
tr = 10μsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000
μsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
0.1
1
10
100
10ms
0.1
μs
1.0
μs
10
μs
100
μs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating Curve
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
10
100
1000
10000
1
10
100
1000
5
10
100
1000
10000
Fig. 4 - Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
Unidirectional
Bidirectional
f = 1MHz
Vsig = 50mVp-p
TJ = 25°C
VR = 0
500
VR = Rated
Stand-off
10
0
25
50
75
100
125
150
175
200
0
1.0
2.0
3.0
4.0
Fig. 5 - Steady State Power
Derating Curve
TL - Lead Temperature (°C)
5.0
6.0
7.0
8.0
60Hz
Resistive or
Inductive Load
100
150
200
250
300
1
10
100
Number of Cycles at 60 Hz
Fig.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
8.3ms Single Half Sine-Wave
(JEDEC Method)TJ=TJ max.
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
5.0SMDJ Series
Rating and Characteristic Curves 5.0SMDJ Series
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5.0SMDJ14CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ14CA MDE-5.0SMDJ14CA Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
5.0SMDJ14CA BOURNS-5.0SMDJ14CA Datasheet
484Kb / 6P
   Transient Voltage Suppressor Diode Series
logo
DONGGUAN YOU FENG WEI E...
5.0SMDJ14CA YFWDIODE-5.0SMDJ14CA Datasheet
655Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 5000Watts
logo
Littelfuse
5.0SMDJ14CA LITTELFUSE-5.0SMDJ14CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
5.0SMDJ14CA LUGUANG-5.0SMDJ14CA Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - 5.0SMDJ14CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
   For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMAFJ5.0A LEIDITECH-P4SMAFJ5.0A Datasheet
463Kb / 4P
   surface mounted applications in order to optimize board space
01.06.2018
logo
DIYI Electronic Technol...
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
   For surface mounted applications in order to optimize board space
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com