Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3105TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLR3105TRPBF
Description  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3105TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLR3105TRPBF Datasheet HTML 3Page - International Rectifier IRLR3105TRPBF Datasheet HTML 4Page - International Rectifier IRLR3105TRPBF Datasheet HTML 5Page - International Rectifier IRLR3105TRPBF Datasheet HTML 6Page - International Rectifier IRLR3105TRPBF Datasheet HTML 7Page - International Rectifier IRLR3105TRPBF Datasheet HTML 8Page - International Rectifier IRLR3105TRPBF Datasheet HTML 9Page - International Rectifier IRLR3105TRPBF Datasheet HTML 10Page - International Rectifier IRLR3105TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRLR/U3105PbF
www.irf.com
7
Fig 15. Typical Avalanche Current Vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche pulsewidth, tav
assuming ∆ Tj = 25°C due to
avalanche losses. Note: In no
case should Tj be allowed to
exceed Tjmax
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
70
TOP
Single Pulse
BOTTOM 50% Duty Cycle
ID = 15A


Similar Part No. - IRLR3105TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRLR3105TRPBF VBSEMI-IRLR3105TRPBF Datasheet
988Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - IRLR3105TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com