Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP293FSZ-REEL71 Datasheet(PDF) 4 Page - Analog Devices

Part # OP293FSZ-REEL71
Description  Precision, Micropower Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ-REEL71 Datasheet(HTML) 4 Page - Analog Devices

  OP293FSZ-REEL71 Datasheet HTML 1Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 2Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 3Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 4Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 5Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 6Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 7Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 8Page - Analog Devices OP293FSZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OP193/OP293
Rev. C | Page 4 of 20
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
15
15
V/ms
Gain Bandwidth Product
GBP
35
35
kHz
Channel Separation
VOUT = 10 V p-p, RL = 2 kΩ,
f = 1 kHz
120
120
dB
1
Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at 125 °C, with an LTPD of 1.3.
2
Offset voltage drift is the average of the −40°C to +25°C delta and the +25°C to +125°C delta.
VS = 5.0 V, VCM = 0.1 V, TA = 25°C, unless otherwise noted.
Table 2.
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP193
150
μV
OP193, −40°C ≤ TA ≤ +125°C
250
μV
OP293
100
250
μV
OP293, −40°C ≤ TA ≤ +125°C
200
350
μV
Input Bias Current
IB
−40°C ≤ TA ≤ +125°C
15
20
nA
Input Offset Current
IOS
−40°C ≤ TA ≤ +125°C
2
4
nA
Input Voltage Range
VCM
0
4
0
4
V
Common-Mode Rejection
CMRR
0.1 V ≤ VCM ≤ 4 V
100
116
96
116
dB
0.1 V ≤ VCM ≤ 4 V,
−40°C ≤ TA ≤ +125°C
92
92
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ,
0.03 V ≤ VOUT ≤ 4.0 V
200
200
V/mV
−40°C ≤ TA ≤ +85°C
125
125
V/mV
−40°C ≤ TA ≤ +125°C
130
130
V/mV
Large Signal Voltage Gain
AVO
RL = 10 kΩ,
0.03 V ≤ VOUT ≤ 4.0 V
75
75
V/mV
−40°C ≤ TA ≤ +85°C
50
50
V/mV
−40°C ≤ TA ≤ +125°C
70
70
V/mV
Long-Term Offset Voltage1
VOS
150
300
μV
Offset Voltage Drift2
ΔVOS/ΔT
0.2
1.25
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 100 μA
4.4
4.4
V
IL = 1 mA
4.1
4.4
4.1
4.4
V
IL = 1 mA,
−40°C ≤ TA ≤ +125°C
4.0
4.0
V
IL = 5 mA
4.0
4.4
4.0
4.4
V
Output Voltage Swing Low
VOL
IL = −100 μA
140
160
140
160
mV
IL = −100 μA,
−40°C ≤ TA ≤ +125°C
220
220
mV
No load
5
5
mV
IL = −1 mA
280
400
280
400
mV
IL = −1 mA, −40°C ≤ TA ≤ +125°C
500
500
mV
IL = –5 mA
700
900
700
900
mV
Short-Circuit Current
ISC
±8
±8
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.7 V to ±6.0 V
100
120
97
120
dB
−40°C ≤ TA ≤ +125°C
94
90
dB
Supply Current per Amplifier
ISY
VCM = 2.5 V, RL = ∞
14.5
14.5
μA


Similar Part No. - OP293FSZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP293FS AD-OP293FS Datasheet
266Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. A
OP293FS AD-OP293FS Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP293FS-REEL AD-OP293FS-REEL Datasheet
266Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. A
OP293FS-REEL AD-OP293FS-REEL Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP293FS-REEL7 AD-OP293FS-REEL7 Datasheet
266Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. A
More results

Similar Description - OP293FSZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193 AD-OP193 Datasheet
266Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. A
OP193 AD-OP193_02 Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727 Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com