Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFU9024NPBF Datasheet(PDF) 9 Page - International Rectifier

Part No. IRFU9024NPBF
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFU9024NPBF Datasheet(HTML) 9 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U9024NPbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASS EMBLY
EXAMPLE:
WIT H ASS EMBLY
T HIS IS AN IRFU120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN T HE ASS EMBLY LINE "A"
AS SEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRF U120
INT ERNATIONAL
LOGO
RECT IFIER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
OR
56
78
ASS EMBLY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRFU120
PART NUMBER
WEEK 19
DATE CODE
YEAR 9 = 1999
A = AS SEMBLY SIT E CODE
P = DESIGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn