Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFU9024NPBF Datasheet(PDF) 8 Page - International Rectifier

Part No. IRFU9024NPBF
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFU9024NPBF Datasheet(HTML) 8 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFR/U9024NPbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS S E MBLY LINE "A"
AS S E MBLE D ON WW 16, 1999
EXAMPLE:
WIT H AS S E MB LY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEE K 16
PART NUMB ER
LOGO
INT ERNAT IONAL
RECT IFIE R
AS S EMB LY
LOT CODE
916A
IRFU120
34
YE AR 9 = 1999
DATE CODE
OR
P = DE S IGNAT ES LEAD-F RE E
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-Free"
12
34
WEE K 16
A = AS S EMB LY S ITE CODE
PART NUMBE R
IRFU120
LINE A
LOGO
LOT CODE
AS S E MB LY
INTE RNAT IONAL
RECT IF IER


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn