Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV202BBCZ-135 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV202BBCZ-135
Description  JPEG2000 Video Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202BBCZ-135 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV202BBCZ-135 Datasheet HTML 21Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 22Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 23Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 24Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 25Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 26Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 27Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 28Page - Analog Devices ADV202BBCZ-135 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADV202
Rev. D | Page 25 of 40
Mnemonic
Pins
Used
121-Lead Package
144-Lead Package
I/O
Description
FIELD
1
E10
E9
I/O
Field Sync for Video Mode.
VSTRB
I
Raw Pixel Mode Transfer Strobe.
TEST1
1
J6
K12
I
This pin should be connected to ground via a pull-down
resistor.
TEST2
1
K9
K11
I
This pin should be connected to ground via a pull-down
resistor.
TEST3
1
J10
K10
I
This pin should be connected to ground via a pull-down
resistor.
TEST4
1
L6
M9
I
This pin should be connected to ground via a pull-down
resistor.
TEST5
1
K10
L10
O
No Connect.
VDD
A3, A8, D7, H7
B6, B7, C6, C7, D6, D7,
J6, J7, K6, K7, L6, L7
V
Positive Supply for Core.
DGND
A1, A11, A4, A9, C1,
C11, D6, E1, E5 to E7,
E11, F1, F5 to F7,
F11, G1, G5 to G7,
G11, H6, J1, J11,
K11, L1, L8, L11
A1, A5 to A8, A12, B5,
B8, C5, C8, D5, D8, E4
to E8, F5 to F8, G5 to
G9, H5 to H9, J5, J8 to
J9, K5, K8, L5, L8, M1,
M5 to M8, M11, M12
GND
Ground.
PLLVDD
1
L10
M10
V
Positive Supply for PLL.
IOVDD
B6, C6, C8, D5, E8,
G8, H5, J5, K5, K6, K7
B4, B9, C4, C9, D4, D9,
K4, K9, L4, L9
V
Positive Supply for I/O.


Similar Part No. - ADV202BBCZ-135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202BBCZ-115 AD-ADV202BBCZ-115 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV202BBCZ-150 AD-ADV202BBCZ-150 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
More results

Similar Description - ADV202BBCZ-135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com