Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP121-AUJZ25R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP121-AUJZ25R7
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121-AUJZ25R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP121-AUJZ25R7 Datasheet HTML 7Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 8Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 9Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 10Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 11Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 12Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 13Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 14Page - Analog Devices ADP121-AUJZ25R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADP121
Rev. G | Page 11 of 20
THEORY OF OPERATION
The ADP121 is a low quiescent current, low dropout linear
regulator that operates from 2.3 V to 5.5 V and provides up
to 150 mA of output current. Drawing a low 30 μA quiescent
current (typical) at full load makes the ADP121 ideal for battery-
operated portable equipment. Shutdown current consumption
is typically 100 nA.
Optimized for use with small 1 µF ceramic capacitors,
the ADP121 provides excellent transient performance.
0.8V REFERENCE
SHORT CIRCUIT,
UVLO, AND
THERMAL
PROTECT
SHUTDOWN
R1
R2
VOUT
VIN
GND
EN
Figure 27. Internal Block Diagram
Internally, the ADP121 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is con-
trolled by the error amplifier. The error amplifier compares the
reference voltage with the feedback voltage from the output and
amplifies the difference. If the feedback voltage is lower than
the reference voltage, the gate of the PMOS device is pulled
lower, allowing more current to flow and increasing the output
voltage. If the feedback voltage is higher than the reference
voltage, the gate of the PMOS device is pulled higher, allowing
less current to flow and decreasing the output voltage.
The ADP121 is available in output voltages ranging from 1.2 V to
3.3 V. The ADP121 uses the EN pin to enable and disable the
VOUT pin under normal operating conditions. When EN is
high, VOUT turns on; when EN is low, VOUT turns off. For
automatic startup, EN can be tied to VIN.


Similar Part No. - ADP121-AUJZ25R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121-AUJZ28R7 AD-ADP121-AUJZ28R7 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP121-AUJZ25R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com