Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF608BBCZ-5 Datasheet(PDF) 62 Page - Analog Devices

Part # ADSP-BF608BBCZ-5
Description  Blackfin Dual Core Embedded Processor
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF608BBCZ-5 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADSP-BF608BBCZ-5 Datasheet HTML 58Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 59Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 60Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 61Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 62Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 63Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 64Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 65Page - Analog Devices ADSP-BF608BBCZ-5 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
Rev. 0
|
Page 62 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Asynchronous Flash Read
Table 29. Asynchronous Flash Read
VDD_EXT
1.8 V/3.3V Nominal
Parameter
Min
Max
Unit
Switching Characteristics
tAMSADV
SMC0_Ax (Address)/SMC0_AMSx Assertion Before SMC0_NORDV
Low
1
PREST × tSCLK0 – 2
ns
tWADV
SMC0_NORDV Active Low Width
2
RST × tSCLK0 – 2
ns
tDADVARE
SMC0_ARE Low Delay From SMC0_NORDV High
3
PREAT × tSCLK0 – 2
ns
tHARE
Output
4 Hold After SMC0_ARE High5
RHT × tSCLK0 – 2
ns
tWARE
6
SMC0_ARE Active Low Width
7
RAT × tSCLK0 – 2
ns
1 PREST value set using the SMC_BxETIM.PREST bits.
2 RST value set using the SMC_BxTIM.RST bits.
3 PREAT value set using the SMC_BxETIM.PREAT bits.
4 Output signals are SMC0_Ax, SMC0_AMS, SMC0_AOE.
5 RHT value set using the SMC_BxTIM.RHT bits.
6 SMC0_BxCTL.ARDYEN bit = 0.
7 RAT value set using the SMC_BxTIM.RAT bits.
Figure 13. Asynchronous Flash Read
SMC0_Ax
tAMSADV
tDADVARE
tWADV
tWARE
tHARE
READ LATCHED
DATA
SMC0_AMSx
(NOR_CE)
SMC0_NORDV
SMC0_ARE
(NOR_OE)
SMC0_Dx
(DATA)


Similar Part No. - ADSP-BF608BBCZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF608BBCZ-5 AD-ADSP-BF608BBCZ-5 Datasheet
3Mb / 112P
   Blackfin Dual Core Embedded Processor
REV. 0
More results

Similar Description - ADSP-BF608BBCZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF607BBCZ-5 AD-ADSP-BF607BBCZ-5 Datasheet
3Mb / 112P
   Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com