Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8073 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8073
Description  Low Cost, Dual/Triple Video Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073 Datasheet(HTML) 4 Page - Analog Devices

  AD8073 Datasheet HTML 1Page - Analog Devices AD8073 Datasheet HTML 2Page - Analog Devices AD8073 Datasheet HTML 3Page - Analog Devices AD8073 Datasheet HTML 4Page - Analog Devices AD8073 Datasheet HTML 5Page - Analog Devices AD8073 Datasheet HTML 6Page - Analog Devices AD8073 Datasheet HTML 7Page - Analog Devices AD8073 Datasheet HTML 8Page - Analog Devices AD8073 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
REV. D
–3–
AD8072/AD8073
ELECTRICAL CHARACTERISTICS
AD8072/AD8073
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
RF = 1 k
–3 dB Bandwidth, Small Signal
No Peaking, G = +2
78
100
MHz
0.1 dB Bandwidth, Small Signal
No Peaking, G = +2
7.8
10
MHz
Slew Rate
VO = 2 V Step
350
V/
µs
Settling Time to 0.1%
VO = 2 V Step
25
ns
DISTORTION/NOISE PERFORMANCE
RF = 1 k
Differential Gain
f = 3.58 MHz, G = +2, RL to 1.5 V
0.1
%
Differential Phase
f = 3.58 MHz, G = +2, RL to 1.5 V
0.1
Degrees
Crosstalk
f = 5 MHz
60
dB
Input Voltage Noise
f = 10 kHz
3
nV/
√Hz
Input Current Noise
f = 10 kHz (
±IIN)
6
pA/
√Hz
DC PERFORMANCE
Transimpedance
0.25
M
Input Offset Voltage
1.5
4
mV
TMIN to TMAX
6mV
Offset Drift
9
µV/°C
Input Bias Current (
±)
310
µA
Input Bias Current Drift (
±)10
nA/
°C
INPUT CHARACTERISTICS
–Input Resistance
120
+Input Resistance
1M
Input Capacitance
1.6
pF
Common-Mode Rejection Ratio
VCM = 1.2 V to 3.8 V
54
dB
Input Common-Mode Voltage Range
1.2 to 3.8
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150
1.5 to 3.5
1.3 to 3.7
V
Output Voltage Swing
RL = 1 k
Ω T
MIN to TMAX
1.3 to 3.7
1.1 to 3.9
V
Output Current
RL = 10
20
mA
Short Circuit Current
60
mA
POWER SUPPLY
Operating Range
±2.5 to ±6V
Power Supply Rejection Ratio
VS = 4 V to 6 V
64
dB
Quiescent Current per Amplifier
3
4.5
mA
OPERATING TEMPERATURE RANGE
0
70
°C
Specifications subject to change without notice.
(@ TA = 25 C, VS = 5 V, RL = 150
to 2.5 V, unless otherwise noted.)


Similar Part No. - AD8073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8073 AD-AD8073 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8073 AD-AD8073 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JN AD-AD8073JN Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
More results

Similar Description - AD8073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com