Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7940BRM Datasheet(PDF) 1 Page - Analog Devices

Part # AD7940BRM
Description  3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940BRM Datasheet(HTML) 1 Page - Analog Devices

  AD7940BRM Datasheet HTML 1Page - Analog Devices AD7940BRM Datasheet HTML 2Page - Analog Devices AD7940BRM Datasheet HTML 3Page - Analog Devices AD7940BRM Datasheet HTML 4Page - Analog Devices AD7940BRM Datasheet HTML 5Page - Analog Devices AD7940BRM Datasheet HTML 6Page - Analog Devices AD7940BRM Datasheet HTML 7Page - Analog Devices AD7940BRM Datasheet HTML 8Page - Analog Devices AD7940BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3 mW, 100 kSPS,
14-Bit ADC in 6-Lead SOT-23
AD7940
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 100 kSPS
Specified for VDD of 2.5 V to 5.5 V
Low power
4 mW typ at 100 kSPS with 3 V supplies
17 mW typ at 100 kSPS with 5 V supplies
Wide input bandwidth:
81 dB SINAD at 10 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
Standby mode: 0.5 µA max
6-Lead SOT-23 and 8-Lead MSOP packages
APPLICATIONS
Battery-powered systems
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Remote data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
VIN
VDD
GND
AD7940
SCLK
SDATA
CS
T/H
14-BIT SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
Figure 1.
Table 1. 16-Bit and 14-Bit ADC (MSOP and SOT-23)
Type
100 kSPS
250 kSPS
500 kSPS
16-Bit True Differential
AD7684
AD7687
AD7688
16-Bit Pseudo Differential
AD7683
AD7685
AD7686
16-Bit Unipolar
AD7680
14-Bit True Differential
AD7944
AD7947
14-Bit Pseudo Differential
AD7942
AD7946
14-Bit Unipolar
AD7940
GENERAL DESCRIPTION
The AD79401 is a 14-bit, fast, low power, successive
approximation ADC. The part operates from a single 2.50 V to
5.5 V power supply and features throughput rates up to 100 kSPS.
The part contains a low noise, wide bandwidth track-and-hold
amplifier that can handle input frequencies in excess of 7 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of CS and the conversion is also initiated at this
point. There are no pipelined delays associated with the part.
The AD7940 uses advanced design techniques to achieve very
low power dissipation at fast throughput rates. The reference for
the part is taken internally from VDD, which allows the widest
dynamic input range to the ADC. Thus, the analog input range
for this part is 0 V to VDD. The conversion rate is determined by
the SCLK frequency.
1Protected by US. Patent No. 6,681,332.
This part features a standard successive approximation ADC
with accurate control of the sampling instant via a CS input and
once off conversion control.
PRODUCT HIGHLIGHTS
1. First 14-bit ADC in a SOT-23 package.
2. High throughput with low power consumption.
3. Flexible power/serial clock speed management. The
conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. This allows the average power consumption
to be reduced when a power-down mode is used while not
converting. The part also features a shutdown mode to
maximize power efficiency at lower throughput rates.
Power consumption is 0.5 µA max when in shutdown.
4. Reference derived from the power supply.
5. No pipeline delay.


Similar Part No. - AD7940BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7940BRM AD-AD7940BRM Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7940BRM AD-AD7940BRM Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940BRM-REEL7 AD-AD7940BRM-REEL7 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7940BRM-REEL7 AD-AD7940BRM-REEL7 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940BRMZ AD-AD7940BRMZ Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
More results

Similar Description - AD7940BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com