Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5225397-7 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 5225397-7
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225397-7 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 5225397-7 Datasheet HTML 10Page - Tyco Electronics 5225397-7 Datasheet HTML 11Page - Tyco Electronics 5225397-7 Datasheet HTML 12Page - Tyco Electronics 5225397-7 Datasheet HTML 13Page - Tyco Electronics 5225397-7 Datasheet HTML 14Page - Tyco Electronics 5225397-7 Datasheet HTML 15Page - Tyco Electronics 5225397-7 Datasheet HTML 16Page - Tyco Electronics 5225397-7 Datasheet HTML 17Page - Tyco Electronics 5225397-7 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
57
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
C
L
C
L
Recommended PC Board Layouts
Without Mounting Posts
With Mounting Posts
(Top View)
Maximum Panel Thickness 6.1 [.240]
Recommended Panel Cutout
10.16 ±0.08
[.400 ±.003]
5.08 ±0.05
[.200 ±.002]
2.54 ±0.05
[.100 ±.002]
GS
0.89 ±0.08
[.035 ±.003]
2.64 [.104] Dia.
Clearance Hole for
2-56 Self-Tapping Screw*
(2 Holes)
5.08 ±0.05
[.200 ±.002]
2.01 ±0.05
[.079 ±.002]
(2 Holes)
Mating
Face
Right-Angle Jacks
PC Board/Panel Mount
Body — Nickel
Dielectric — Polymethylpentene
A
B
34.93
[1.375]
C
Mtg. Hgt.
1/2-28 Thread
1/2-28 Thread
VALOX Body
A
B
34.93
[1.375]
Metal Body
C
Mtg. Hgt.
(Top View)
10.16 ±0.08
[.400 ±.003]
5.08 ±0.05
[.200 ±.002]
2.54 ±0.05
[.100 ±.002]
GS
0.89 ±0.08
[.035 ±.003]
5.08 ±0.05
[.200 ±.002]
Mating
Face
Body
Center
Dimensions
Part No.
Contact
Without
With
L
With
L
Material
Plating
ABC
Mounting Posts
Mounting Posts
Compliant Posts
Tin
8.59
21.21
15.88
5226990-1
5227161-1
3.48
——
.338
.835
.625
.137
VALOX,
Gold1
8.59
21.21
15.88
5226990-3
5227161-3
3.48
——
White
.338
.835
.625
.137
Gold1
6.91
21.21
13.18
5227161-7
3.48
——
.272
.835
.519
.137
Tin
8.59
21.21
15.88
5227161-2
3.48
——
.338
.835
.625
.137
Gold1
8.59
21.21
15.88
5226990-6
5227161-6
3.48
——
VALOX,
.338
.835
.625
.137
Black
Gold1
6.91
21.21
13.18
5227161-9
3.48
——
.272
.835
.519
.137
Gold1
6.17
21.21
11.68
5415046-1
——
.243
.835
.460
Tin
8.26
20.83
15.88
5227661-1
3.48
——
.325
.820
.625
.137
Gold1
8.26
20.83
15.88
5227676-1
5227677-1
3.48
——
Metal
.325
.820
.625
.137
Gold1
6.91
20.83
12.70
1274668-1
5413879-1
3.48
——
.272
.820
.500
.137
Gold2
6.91
20.83
12.70
5413879-2
3.48
——
.272
.820
.500
.137
High Temp.
Gold1
6.91
21.21
13.18
——
5415218-5
2.79
Housing
.272
.835
.519
.110
Plating:
Gold1 — 0.00076 [.000030] thick
Gold2 — 0.00127 [.000050] thick
Note: If an Insulating Bushing is required see part number 330620 and Panel Cutout on page 54.
Mounting Post Style
Compliant Post
L
E
12.83
[.505
]
+0.13
-0.00
+.005
-.000
Dia.
Dia.
5.54
[.218
]
+0.08
-0.00
+.003
-.000
L
Lockwasher and Jam Nut
Part No.
1-329632-2
Part No.
1-329631-2
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
VALOX is a trademark of General Electric
Company.


Similar Part No. - 5225397-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5225397-7 TEC-5225397-7 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5225397-7

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com