Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5225396-2 Datasheet(PDF) 34 Page - Tyco Electronics

Part No. 5225396-2
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225396-2 Datasheet(HTML) 34 Page - Tyco Electronics

Back Button 5225396-2 Datasheet HTML 26Page - Tyco Electronics 5225396-2 Datasheet HTML 27Page - Tyco Electronics 5225396-2 Datasheet HTML 28Page - Tyco Electronics 5225396-2 Datasheet HTML 29Page - Tyco Electronics 5225396-2 Datasheet HTML 30Page - Tyco Electronics 5225396-2 Datasheet HTML 31Page - Tyco Electronics 5225396-2 Datasheet HTML 32Page - Tyco Electronics 5225396-2 Datasheet HTML 33Page - Tyco Electronics 5225396-2 Datasheet HTML 34Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
77
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 75 Ohm (Continued)
8.89 ± 0.13
[.350 ± .005]
+ 0.13
– 0.00
+ .005
– .000
Ø 9.65
[.380
]
Recommended Panel Cutout
Bulkhead Jack-Push On Plug
Adapter
41.92
[1.650]
Ø 14.35
[.565]
Max.
Ø 8.43
[.332]
Max.
Part No. 1274007-1
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn