Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5225396-2 Datasheet(PDF) 33 Page - Tyco Electronics

Part No. 5225396-2
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225396-2 Datasheet(HTML) 33 Page - Tyco Electronics

Back Button 5225396-2 Datasheet HTML 26Page - Tyco Electronics 5225396-2 Datasheet HTML 27Page - Tyco Electronics 5225396-2 Datasheet HTML 28Page - Tyco Electronics 5225396-2 Datasheet HTML 29Page - Tyco Electronics 5225396-2 Datasheet HTML 30Page - Tyco Electronics 5225396-2 Datasheet HTML 31Page - Tyco Electronics 5225396-2 Datasheet HTML 32Page - Tyco Electronics 5225396-2 Datasheet HTML 33Page - Tyco Electronics 5225396-2 Datasheet HTML 34Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
76
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
36.07
[1.420]
Max.
Ø 15.88 ± 0.25
[.625 ± .010]
BNC Connectors, 75 Ohm (Continued)
Right-Angle Metalized
Jacks
PC Board/Panel Mount
Maximum Panel Thickness 6.35 [.250]
Recommended Panel Cutout
12.83+0.13
-0.00
[.505+.005]
-.000
Dia.
5.64+0.08
-0.00
[.222+.003]
-.000
12.83+0.13
-0.00
[.505+.005]
-.000
Dia.
5.54+0.08
-0.00
[.218+.003]
-.000
Part No. 5222117-1
36.07
[1.420]
11/16
Right-Angle Adapter
(Jack-Plug)
Plating
Body — Nickel
Center Contact —Gold
Dielectric —
Polymethylpentene
22.89
[.901]
Max.
14.53
[.572]
26.97
[1.062]
Part No. 5415020-1
Maximum Panel Thickness 6.35 [.250]
Recommended Panel Cutout
12.83+0.13
-0.00
[.505+.005]
-.000
Dia.
5.54+0.08
-0.00
[.218+.003]
-.000
Recommended
Panel Cutout
Dia.
Max.
Bulkhead Jack-Jack
Adapter
Plating
Body — Nickel
Center Contact —Gold
Dielectric — Polymethylpentene
Part No. 1274935-1
Jack-Jack Adapter
Plating
Body — Nickel
Center Contact — Gold
Dielectric — Polymethylpentene
Bulkhead Jack-Jack
Adapter
Plating
Body — Nickel
Center Contact — Gold
Dielectric — Polymethylpentene
Body
Plating
Dielectric
Part No.
Tin
TEFLON
6274425-2
1/2-28 Thread
27.64 ± 0.51
[1.088 ±.020]
10.97 ± 0.18
[.432 ±.007]
6.15 ± 0.25
[.242 ±.010]
11.66
[.459]
4.34
[.171]
36.04
[1.419]
Max.
Part No. 415567-1
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn