Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5225396-2 Datasheet(PDF) 19 Page - Tyco Electronics

Part No. 5225396-2
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225396-2 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 5225396-2 Datasheet HTML 15Page - Tyco Electronics 5225396-2 Datasheet HTML 16Page - Tyco Electronics 5225396-2 Datasheet HTML 17Page - Tyco Electronics 5225396-2 Datasheet HTML 18Page - Tyco Electronics 5225396-2 Datasheet HTML 19Page - Tyco Electronics 5225396-2 Datasheet HTML 20Page - Tyco Electronics 5225396-2 Datasheet HTML 21Page - Tyco Electronics 5225396-2 Datasheet HTML 22Page - Tyco Electronics 5225396-2 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
62
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
Recommended PC Board Layout
6.6 ± 0.08
[.260 ± .003]
6.6 ± 0.08
[.260 ± .003]
3.3 ± 0.08
[.130 ± .003]
1.17 ± 0.08
[.046 ± .003]
2.11 ± 0.08
[.083 ± .003]
Dia.
(4 holes)
Maximum PC Board Thickness 2.54 [.100]
Dia.
C
L
6.15
[.242]
10.97 [.432]
Mounting Height
27.64 ± 0.51
[1.088 ± .020]
Right-Angle Metalized Jacks,
PC Board Mount
Body
Dielectric
Center
Part
Plating
Contact Length
No.
Nickel
Polymethyl-
4.34
5413631-1*
pentene
.171
Tin
TEFLON
4.34
5413631-2*
.171
Nickel
Polymethyl-
3.33
5413631-3*
pentene
.131
Body
Dielectric
Contact
Part
No.
Nickel
TPX
Gold
5414373-1
Recommended PC Board Layouts
1.19 ±0.18
[.047 ±.007]
Dia.
7.62 ±0.08
[.300 ±.003]
1.78 ±0.08
[.070 ±.003]
Dia.
2 Holes
7.62 ±0.08
[.300 ±.003]
3.81 ±0.08
[.150 ±.003]
8.64
[.340]
21.85
[.860]
25.40
[1.000]
Right-Angle Metalized Jacks,
PC Board/Panel Mount
Body
Part
Plating
Dielectric
No.
Tin
TEFLON
5415025-2
Tin
TPX
5415025-1
Lockwasher and Jam Nut see page 59.
6.6 ± 0.08
[.260 ± .003]
6.6 ± 0.08
[.260 ± .003]
3.3 ± 0.08
[.130 ± .003]
1.17 ± 0.08
[.046 ± .003]
2.11 ± 0.08
[.083 ± .003]
4 holes
Dia.
Dia.
12.83
[.505
]
+0.13
-0.00
+.005
-.000
Dia.
Dia.
5.64
[.222
]
+0.08
-0.00
+.003
-.000
Maximum Panel Thickness 6.35 [.250]
Recommended Panel Cutout
1/2-28 Thread
27.64 ± 0.51
[1.088 ±.020]
10.97 ± 0.18
[.432 ±.007]
6.15 ± 0.25
[.242 ±.010]
11.66
[.459]
4.34
[.171]
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.
TPX is a trademark of Mitsui Chemicals
America, Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn