Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5225886-4 Datasheet(PDF) 22 Page - Tyco Electronics

Part No. 5225886-4
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225886-4 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 5225886-4 Datasheet HTML 18Page - Tyco Electronics 5225886-4 Datasheet HTML 19Page - Tyco Electronics 5225886-4 Datasheet HTML 20Page - Tyco Electronics 5225886-4 Datasheet HTML 21Page - Tyco Electronics 5225886-4 Datasheet HTML 22Page - Tyco Electronics 5225886-4 Datasheet HTML 23Page - Tyco Electronics 5225886-4 Datasheet HTML 24Page - Tyco Electronics 5225886-4 Datasheet HTML 25Page - Tyco Electronics 5225886-4 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
65
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
Jack Covers
101.6
[4.000]
#6 Stud Size
22.10
[.870]
14.53 Dia.
[.572] Max.
Body Plating
Part No.
Silver
330022
Nickel
1-330022-2
Max.
14.53 Dia.
[.572] Max.
33.02
[1.300]
#6 Stud Size
Tether
Terminator Plugs
50, 75, 93 Ohm
Plating
Body — Nickel
Center Contact — Gold
Dielectric — Polyethylene
Insulated
Terminators
Insulation Material
Polyphenylene oxide
Long Cover
Short Cover*
38.10
[1.500]
17.40
[.685]
17.40
[.685]
Register
Color
Cover
Part
Specification
Style
No.
Gray
Long
5413557-1
1 Watt, 50 Ohm
Short
5413364-2
Black
Long
5413557-2
* The Short Cover is required when mating the Terminator with a Tee Adapter.
Resistor
Part No.
Specification
With Tether
Without Tether
1 Watt, 50 Ohm
5221629-11
5221629-4
1 Watt, 75 Ohm
5221629-21
5221629-5
1 Watt, 93 Ohm
5221629-6
0.5 Watt, 75 Ohm
1 Watt, 50 Ohm
1-5221629-61
1
Tether is conductive with #4 stud size
Max.
38.10
[1.500]
Max.
Shorting Caps
Plating
Body — Nickel
Center Contact — Gold
Part No. 413453-1
15.24
[.600]
14.53
[.572]
Dia. Max.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn