Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD713KNZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD713KNZ
Description  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713KNZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD713KNZ Datasheet HTML 3Page - Analog Devices AD713KNZ Datasheet HTML 4Page - Analog Devices AD713KNZ Datasheet HTML 5Page - Analog Devices AD713KNZ Datasheet HTML 6Page - Analog Devices AD713KNZ Datasheet HTML 7Page - Analog Devices AD713KNZ Datasheet HTML 8Page - Analog Devices AD713KNZ Datasheet HTML 9Page - Analog Devices AD713KNZ Datasheet HTML 10Page - Analog Devices AD713KNZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD713
Rev. F | Page 7 of 20
50
40
VS = ±15V
TA = 25°C
30
20
10
0
–10
–5
0
5
10
COMMON-MODE VOLTAGE (V)
Figure 9. Input Bias Current vs. Common Mode Voltage
26
24
22
20
18
16
14
12
10
–60
0
–20
–40
40
20
60
80
100
120
140
AMBIENT TEMPERATURE (°C)
+OUTPUT CURRENT
–OUTPUT CURRENT
Figure 10. Short-Circuit Current Limit vs. Temperature
5.0
4.5
4.0
3.5
3.0
–60
0
–20
–40
40
20
60
80
100
120
140
TEMPERATURE (°C)
Figure 11. Gain Bandwidth vs. Temperature
100
80
60
40
20
0
–20
80
100
60
40
20
0
–20
10
100
10k
1k
100k
1M
10M
FREQUENCY (Hz)
GAIN
PHASE
2kΩ||100pF LOAD
Figure 12. Open-Loop Gain and Phase Margin vs. Frequency
125
120
115
110
105
100
95
0
5
10
15
20
SUPPLY VOLTAGE (V)
RL = 2kΩ
TA = 25°C
Figure 13. Open-Loop Gain vs. Supply Voltage
110
100
80
60
40
20
0
10
100
1k
10k
100k
1M
SUPPLY MODULATION FREQUENCY (Hz)
VS = ±15V SUPPLIES WITH
1V p-p SINE WAVE 25°C
+SUPPLY
–SUPPLY
Figure 14. Power Supply Rejection vs. Frequency


Similar Part No. - AD713KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713KN AD-AD713KN Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
More results

Similar Description - AD713KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com