Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC8601 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDC8601
Description  N-Channel Shielded Gate PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC8601 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDC8601 Datasheet HTML 1Page - Fairchild Semiconductor FDC8601 Datasheet HTML 2Page - Fairchild Semiconductor FDC8601 Datasheet HTML 3Page - Fairchild Semiconductor FDC8601 Datasheet HTML 4Page - Fairchild Semiconductor FDC8601 Datasheet HTML 5Page - Fairchild Semiconductor FDC8601 Datasheet HTML 6Page - Fairchild Semiconductor FDC8601 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
©2010 Fairchild Semiconductor Corporation
FDC8601 Rev. C1
Figure 13. Juncton-to-Ambient Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
2
SINGLE PULSE
RθJA = 175
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDC8601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
More results

Similar Description - FDC8601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB86135 FAIRCHILD-FDB86135 Datasheet
214Kb / 9P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMC010N08C ONSEMI-FDMC010N08C Datasheet
612Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
August, 2017, Rev. 1.0
NTMFS08N003C ONSEMI-NTMFS08N003C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
June, 2017, Rev. 1.0
FDMS003N08C ONSEMI-FDMS003N08C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
May, 2017, Rev. 1.0
FDD86250-F085 ONSEMI-FDD86250-F085 Datasheet
1Mb / 8P
   N-Channel Sheilded Gate PowerTrench짰 MOSFET
September, 2017, Rev. 1
logo
Fairchild Semiconductor
FDD86113LZ FAIRCHILD-FDD86113LZ Datasheet
244Kb / 6P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 5.5 A, 104 m廓
logo
ON Semiconductor
FDP4D5N10C ONSEMI-FDP4D5N10C Datasheet
1,023Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 128 A, 4.5 m廓
June, 2017, Rev. 1.0
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com