Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD02-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # HD02-T
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD02-T Datasheet(HTML) 1 Page - Diodes Incorporated

  HD02-T Datasheet HTML 1Page - Diodes Incorporated HD02-T Datasheet HTML 2Page - Diodes Incorporated HD02-T Datasheet HTML 3Page - Diodes Incorporated HD02-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HD01 – HD06
Document number: DS17003 Rev. 13 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
HD01 – HD06
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features and Benefits
Glass Passivated Die Construction
Low Forward Voltage Drop
Surge Overload Rating to 30A Peak
Ideally Suited for Automated Assembly
Miniature Package Saves Space on PC Boards
UL Listed Under Recognized Component Index, File Number
E94661
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
Case: MiniDIP
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ Tin. Plated Leads, Solderable per MIL-STD-
202, Method 208
Polarity: As Marked on Case
Marking: Type Number, Date Code & Polarity Markings
Weight: 0.125 grams (approximate)
Ordering Information (Note 2)
Device*
Packaging
Shipping
HDxx-T
MiniDIP
3K/Tape & Reel, 13-inch
*xx = Device type, e.g. HD02-T or HD04-T, etc.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, visit our website at http://www.diodes.com.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Equivalent Circuit
HDxx = Product Type Marking Code (ex: HD04)
YM = Date Code Marking
Y = Last Digit of the Year
M = See Month/Code Table Below
HDxx
YM


Similar Part No. - HD02-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD02-T DIODES-HD02-T Datasheet
613Kb / 14P
   Non-Dimmable 120VAC Evaluation Board
More results

Similar Description - HD02-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
logo
SHIKUES Electronics
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
S1ZB05 ZSELEC-S1ZB05 Datasheet
91Kb / 2P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB08M DIODES-MSB08M Datasheet
424Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10F DIODES-MB10F Datasheet
561Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com