Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5414459-1 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 5414459-1
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5414459-1 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 5414459-1 Datasheet HTML 26Page - Tyco Electronics 5414459-1 Datasheet HTML 27Page - Tyco Electronics 5414459-1 Datasheet HTML 28Page - Tyco Electronics 5414459-1 Datasheet HTML 29Page - Tyco Electronics 5414459-1 Datasheet HTML 30Page - Tyco Electronics 5414459-1 Datasheet HTML 31Page - Tyco Electronics 5414459-1 Datasheet HTML 32Page - Tyco Electronics 5414459-1 Datasheet HTML 33Page - Tyco Electronics 5414459-1 Datasheet HTML 34Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
3.81 ± 0.08
[.150 ± .003]
1.19 ± 0.18
[.047 ± .007]
1.78 ± 0.08
[.070 ± .003]
7.62 ± 0.08
[.300 ± .003]
7.62 ± 0.08
[.300 ± .003]
Dia.
Dia.
25.40 ± 0.38
[1.000 ± .015]
11.43 ± 0.43
[.450 ± .017]
21.84
[.860]
17.78
[.700]
11.07
[.436]
Max.
Part No. 6274127-1
75
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 75 Ohm (Continued)
Recommended PC Board Layout
6.6 ± 0.08
[.260 ± .003]
6.6 ± 0.08
[.260 ± .003]
3.3 ± 0.08
[.130 ± .003]
1.17 ± 0.08
[.046 ± .003]
2.11 ± 0.08
[.083 ± .003]
Dia.
(4 holes)
Maximum PC Board Thickness 2.54 [.100]
Dia.
Press Fit, Bulkhead
Vertical Metalized Jack
includes hardware
28.78
[1.133]
4.37 ± 0.51
[.172 ± .020]
5 Plcs.
24.41
[.961]
10.80
[.425]
+ 0.08
– 0.00
+ .003]
– .000
5.54
[.218
+ 0.13
– 0.00
+ .005]
– .000
ø 12.83
[ø .505
Part No. 6274124-2
Recommended
PC Board Layout
C
L
6.15
[.242]
10.97
[.432]
Mounting
Height
28.4
[1.118]
Max.
17.48
[.688]
Sq.
15.88
[.625]
Max.
1.7 ±0.05
[.067 ±.002]
(2 Places)
For Drive Screw
6.35 ±0.05
[.250 ±.002]
6.35 ±0.05
[.250 ±.002]
12.7 ±0.05
[.500 ±.002]
12.7 ±0.05
[.500 ±.002]
1.02 ±0.08
[.040 ±.003]
(Plated-Thru
Hole 3 Places)
Press Fit
Vertical Metalized Jacks
PC Board Mount
(Continued)
PC Board Thickness (Min.)
Part No.
2.36
5221336-3
.093
3.17
5221336-4
.125
Recommended PC Board Layout
Body
Contact
Center
Part No.
Plating
Dielectric
Plating
Contact
Dimension
Nickel
TPX
Gold2
.171 [.007]
5413558-1
Tin
TEFLON
Gold2
.171 [.007]
5413558-2
Nickel
TPX
Gold2
.131 [.005]
5413558-3
Nickel
TPX
Gold1
.171 [.007]
5413558-5
Gold1 — 0.00076 [.000030] thick
Gold2 — 0.00127 [.000050] thick
Dia.
Right-Angle Metalized Jacks
PC Board Mount
Ø 1.02 ± 0.08
[.040 ± .003]
3.43
[.135]
6.88
[.271]
3.43
[.135]
6.88
[.271]
Holes Plated
Through 5 Plcs.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.
TPX is a trademark of Mitsui Chemicals
America, Inc.


Similar Part No. - 5414459-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5414459-1 TEC-5414459-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5414459-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com