Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5414459-1 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 5414459-1
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5414459-1 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 5414459-1 Datasheet HTML 19Page - Tyco Electronics 5414459-1 Datasheet HTML 20Page - Tyco Electronics 5414459-1 Datasheet HTML 21Page - Tyco Electronics 5414459-1 Datasheet HTML 22Page - Tyco Electronics 5414459-1 Datasheet HTML 23Page - Tyco Electronics 5414459-1 Datasheet HTML 24Page - Tyco Electronics 5414459-1 Datasheet HTML 25Page - Tyco Electronics 5414459-1 Datasheet HTML 26Page - Tyco Electronics 5414459-1 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
66
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 75 Ohm
Plugs, Crimp
These connectors have been designed
for optimum performance and have a
true 75 ohm impedance the complete
length of the connector. The crimp die
tooling listed below is different from the
equivalent 50 ohm connectors.
Plugs
Interchangeable
Dies for
Interchangeable
RG/U
Termination
Center
Body
Dim.
PRO-CRIMPER
Dies for Hand
Contact
Dielectric
Style
Hand Tool
Tool 69710-1
Part No.
Cable
Type
Plating
Plating
L
354940-1 or
& 626 Pneu.
PRO-CRIMPER
Head 318161-1
Adapter 679304-1
179, 179A,
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-2
5413589-8
179B, 187,
1.160
187A, 161,
O Crimp
Gold
Nickel
Polyethelene
Commercial
35.56
318451-2
5221185-8
BELDEN 9221
1.140
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-2
1-5413589-0
AT&T 735A
1.160
O Crimp
Gold
Nickel
Polyethelene
Commercial
27.69
58174-1
58248-3
1-5221185-8
1.090
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-2
5413589-3
BELDEN 8218
1.160
O Crimp
Gold
Nickel
Polyethelene
Commercial
27.69
58174-1
58248-3
5221185-3
1.090
140, 210, 62, 62A,
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-1
5413589-2
62B, 59, 59A, 59B,
1.160
BELDEN 9291,
O Crimp
Gold
Nickel
Polyethelene
Commercial
27.69
58536-1
58248-2
5221185-2
9209, 9269
1.090
302, BELDEN 89269,
88241, Hi-Temp 62A,
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-1
5413589-1
Times PL-62, Berk Tek
1.160
BTDC-59, BTDC-62
BELDEN 8212, 9104,
29.46
9112, 9167, 9240, 9259,
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
1.160
58425-1
5413589-9
9266, Times FM-59,
(RG 59 Type
27.69
with 20 AWG C.C.)
O Crimp
Gold
Nickel
Polyethelene
Commercial
1.090
58536-1
58248-2
5221185-9
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-1
5413589-7
BELDEN 9145,
1.160
AT&T 734A
O Crimp
Gold
Nickel
Polyethelene
Commercial
27.69
58536-1
1-5221185-0
1.090
BELDEN 9248,
O Crimp
Gold
Nickel
Polyethelene
Commercial
25.65
58536-1
5221185-1
9114
1.010
6, 6A
O Crimp
Gold
Nickel
Polyethelene
Commercial
37.85
58538-1
58248-1
5221185-7
1.490
BELDEN 8281,
Hex Crimp
Gold
Nickel
Polyethelene
Commercial
29.46
58425-3
5413589-5
9141, 9231,
1.160
Western
Electric 724,
O Crimp
Gold
Nickel
Polyethelene
Commercial
28.45
58538-1
58248-1
5221185-5
728, 3049
1.120
COMM/SCOPE
O Crimp
Gold
Nickel
Polyethelene
Commercial
28.96
58536-1
2-5221185-9
S59 Hec
1.140
COMM/SCOPE
O Crimp
Gold
Nickel
Polyethelene
Commercial
28.96
58536-1
3-5221185-1
F59 Hec-z
1.140
L
Max.
14.53
[.572]
Dia. Max.
Hex and O Crimp
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
AT&T is a trademark of AT&T Corporation.
BELDEN is a trademark of Belden Wire
and Cable Company.
COMM/SCOPE is a trademark of
Commscope, Inc.


Similar Part No. - 5414459-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5414459-1 TEC-5414459-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5414459-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com