Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27C256 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NM27C256
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C256 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM27C256 Datasheet HTML 3Page - Fairchild Semiconductor NM27C256 Datasheet HTML 4Page - Fairchild Semiconductor NM27C256 Datasheet HTML 5Page - Fairchild Semiconductor NM27C256 Datasheet HTML 6Page - Fairchild Semiconductor NM27C256 Datasheet HTML 7Page - Fairchild Semiconductor NM27C256 Datasheet HTML 8Page - Fairchild Semiconductor NM27C256 Datasheet HTML 9Page - Fairchild Semiconductor NM27C256 Datasheet HTML 10Page - Fairchild Semiconductor NM27C256 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
1.450
[36.83]
MAX
28
1
15
14
R 0.025
[0.64]
R 0.030-0.055
[0.76 - 1.40]
TYP
0.280
±0.010
[7.11
±0.25]
UV WINDOW
0.600
[15.24]
MAX
Glass
0.520
± 0.006
[13.21
±0.15]
0.175
MAX
0.060-0.100
TYP
0.050-0.060
TYP
0.015-0.021
TYP
86
°-94°
TYP
0.150 MIN
TYP
0.015 -0.060
TYP
0.090-0.110
TYP
0.005 MIN
TYP
0.225 MAX TYP
0.125 MIN
TYP
0.590-0.620
[14.99 - 15.75]
Glass
Sealant
95
° ±5°
TYP
0.685
+0.025
-0.060
17.40
+0.64
-1.52
0.010
±0.002
[0.25
±0.05]
TYP
0.625
+0.025
-0.015
0.008-0.015
(0.229-0.381)
15.88
+0.635
-0.381
0.580
(14.73)
95
° ±5°
0.600 - 0.620
(15.24 - 15.75)
0.030
(0.762)
Max
(
(
0.108
±0.010
(2.540
±0.254)
0.018
±0.003
(0.457
±0.076)
0.20
(0.508)
0.125-0.145
(3.175-3.583)
0.125-0.165
(3.175-4.191)
0.050
(1.270)
Typ
0.053 - 0.069
(1.346 - 1.753)
0.050
±0.015
(1.270
±0.381)
Min
88
° 94°
Typ
12 3 4
28 27 26 25
1.393 - 1.420
(35.38 - 36.07)
0.510
±0.005
(12.95
±0.127)
0.062
(1.575)
Pin #1
IDENT
5
24
6
23 22 21 20 19 18 17 16
7
8 9 1011 1213 14
15
RAD
28-Lead Plastic One-Time-Programmable Dual-In-Line Package
Order Number NM27C256NXXX
Package Number N28B
UV Window Cavity Dual-In-Line CerDIP Package (Q)
Order Number NM27C256QXXX
Package Number J28AQ


Similar Part No. - NM27C256

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 NSC-NM27C256N120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N150 NSC-NM27C256N150 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N200 NSC-NM27C256N200 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256NE120 NSC-NM27C256NE120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com